Electronic Components Datasheet Search
  English  ▼

X  

TLV320AIC21 Datasheet(PDF) 59 Page - Texas Instruments

Part # TLV320AIC21
Description  Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC21 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 54Page - Texas Instruments TLV320AIC21 Datasheet HTML 55Page - Texas Instruments TLV320AIC21 Datasheet HTML 56Page - Texas Instruments TLV320AIC21 Datasheet HTML 57Page - Texas Instruments TLV320AIC21 Datasheet HTML 58Page - Texas Instruments TLV320AIC21 Datasheet HTML 59Page - Texas Instruments TLV320AIC21 Datasheet HTML 60Page - Texas Instruments TLV320AIC21 Datasheet HTML 61Page - Texas Instruments TLV320AIC21 Datasheet HTML 62Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
5–17
5.23 Recommended Power-Supply Decoupling
The recommended power-supply decoupling for the TLV320AIC21 is shown in Figure 5–23. Both high frequency and
bulk decoupling capacitors are suggested. The high-frequency capacitors should be X7R type capacitors or better.
A 1-
µF ceramic capacitor should be used to decouple the digital power supply.
IOVDD
TLV320AIC21
0.01
µF
1
µF
DGND
IOVDD
0.1
µF
AGND
AVDD2
12
13
5
0.1
µF
AGND
DRVDD
27
25
DVDD = Digital Power
DGND = Digital Ground
AVDD/AVDD1/AVDD2= Analog
Power
AGND = Analog Ground
DRVDD = Separate Analog Power
0.1
µF
IOVSS
0.01
µF
DGND
DVDD
15
16
0.1
µF
DVDD
DVSS
6
AVDD2
AVSS2
DRVDD
DRVSS1
DRVSS2
29
0.1
µF
AGND
33
32
AVDD1
AVSS1
AVDD
0.1
µF
0.1
µF
AGND
42
43
AVDD
AVSS
AVDD
Figure 5–23. Recommended Decoupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com