Electronic Components Datasheet Search
  English  ▼

X  

R1182K211D Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # R1182K211D
Description  Low Voltage 150mA LDO REGULATOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1182K211D Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button R1182K211D Datasheet HTML 9Page - RICOH electronics devices division R1182K211D Datasheet HTML 10Page - RICOH electronics devices division R1182K211D Datasheet HTML 11Page - RICOH electronics devices division R1182K211D Datasheet HTML 12Page - RICOH electronics devices division R1182K211D Datasheet HTML 13Page - RICOH electronics devices division R1182K211D Datasheet HTML 14Page - RICOH electronics devices division R1182K211D Datasheet HTML 15Page - RICOH electronics devices division R1182K211D Datasheet HTML 16Page - RICOH electronics devices division R1182K211D Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
R1182x
R1182x281x
R1182x281x
2.6
2.9
2.7
2.8
6
5
4
3
010
50
70
30
20
60
80
40
90
Output Voltage
Input Voltage
Time t (
µs)
COUT=Ceramic 0.1
µF
2.6
2.9
2.7
2.8
6
5
4
3
010
50
70
30
20
60
80
40
90
Output Voltage
Input Voltage
Time t (
µs)
COUT=Ceramic 1.0
µF
R1182x401x
R1182x401x
3.8
4.1
3.9
4.0
7
6
5
4
010
50
70
30
20
60
80
40
90
Output Voltage
Input Voltage
Time t (
µs)
COUT=Ceramic 0.1
µF
3.8
4.1
3.9
4.0
7
6
5
4
010
50
70
30
20
60
80
40
90
Output Voltage
Input Voltage
Time t (
µs)
COUT=Ceramic 1.0
µF
11) Load Transient Response (tr
=tf=0.5µs, CIN=Ceramic 0.1µF)
R1182x281x
R1182x281x
2.4
3.0
2.6
2.8
150
100
50
0
0
4
20
28
12
824
32
16
36
Output Voltage
Output Current 50mA
100mA
Time t (
µs)
VIN
=3.8V,COUT=0.1
µF
2.2
3.0
2.4
2.6
2.8
100
50
0
0
25
125
75
50
150
100
175
Output Voltage
Time t (
µs)
VIN
=3.8V,COUT=0.1
µF
Output Current 1mA
50mA
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com