Electronic Components Datasheet Search
  English  ▼

X  

BC846B Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BC846B
Description  0.2 Watts NPN Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC846B Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BC846B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC846B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC846B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
V= 5V
CE
V= 5V
CE
T= 25 C
A
O
T = 25 C
A
O
0.01
400
300
200
100
40
30
10
50
60
80
1.0
2.0
5.0
10
20
100
50
I , COLLECTOR CURRENT (mA)
C
2.0
1.0
2.0
10
20 30 40
6.0
0.4 0.6
6.0
4.0
10
8.0
V , REVERSE VOLTAGE (VOLTS)
R
-1.0
-1.4
-1.8
-2.2
-2.6
-3.0
0.2
1.0
10
100
I , COLLECTOR CURRENT (mA)
C
-55 C to +125 C
OO
-55 C to +125 C
OO
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.02
0.1
1.0
20
10
I , BASE CURRENT (mA)
B
I , COLLECTOR CURRENT (mA)
C
50
100
200
20
10
5
0.5
2
1
0.2
RATINGS AND CHARACTERISTIC CURVES (BC846A, B ; BC847A, B, C ; BC848A, B, C)
Version: B07
FIG.7- DC CURRENT GAIN
2.0
0.1
1.0
0.8
0.6
0.4
0.3
1.5
0.5
0.7
0.9
I , COLLECTOR CURRENT (mA)
C
50
100
20
10
5
0.5
2
1
0.2
3
0.3
30
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
FIG.9- COLLECTOR SATURATION REGION
FIG.11- CAPACITANCES
FIG.10- BASE-EMITTER TEMPERATURE COEFFICIENT
FIG.12- CURRENT-GAIN - BANDWIDTH PRODUCT
FIG.8- "ON" VOLTAGES
T= 25 C
A
O
T = 25 C
A
O
V@ I/ I=10
CE(sat)
C
B
V@ I / I =10
CE(sat)
C
B
V@
I/ I=1
0
BE(sat)
C
B
V@
I / I =1
0
BE(sat)
C
B
V@
V
= 5.0 V
BE
CE
V@
V
= 5.0 V
BE
CE
200
0.2
V= 10V
CE
V
= 10V
CE
T= 25 C
A
O
T = 25 C
A
O
T= 25 C
A
O
T = 25 C
A
O
I= 200 mA
C
I = 200 mA
C
I= 100 mA
C
I = 100 mA
C
I= 50 mA
C
I = 50 mA
C
I=
20 mA
C
I=
20 mA
C
I=
10 mA
C
I=
10 mA
C
VB
BE
for V
500
1000
20
1000
T= 25 C
A
O
T = 25 C
A
O
Cib
Cib
Cob
Cob
20
40
4.0
60
100
0.2
0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com