Electronic Components Datasheet Search
  English  ▼

X  

S5M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S5M
Description  5.0 AMPS. Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S5M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S5M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S5M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 490 -
S5A THRU S5M
5.0 AMPS. Surface Mount Rectifiers
Voltage Range
50 to 1000 Volts
Current
5.0 Amperes
Features
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-O
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol S5A S5B S5D S5G S5J S5K S5M Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current
@TL =75
℃ (Note 1)
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 5.0A
VF
1.15
V
Maximum DC Reverse Current
@ TA =25
℃ at Rated DC Blocking Voltage
@ TA=125
℃
IR
10.0
250
uA
uA
Typical Thermal Resistance (Note 1)
R
θJL
R
θJA
13
47
℃/W
Typical Junction Capacitance ( Note 2 )
Cj
60
pF
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
Notes: 1. Measured on P.C. Board with 0.6 x 0.6” (16 x 16mm) Copper Pad Areas.
2. Measured at 1 MHz and Applied VR=4.0 Volts
.129(3.27)
.118(3.0)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.060(1.52)
.030(0.76)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)


Similar Part No. - S5M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5M MCC-S5M Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Semikron International
S5M SEMIKRON-S5M Datasheet
113Kb / 2P
Standard silicon rectifier diodes
logo
Won-Top Electronics
S5M WTE-S5M Datasheet
51Kb / 4P
5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Diotec Semiconductor
S5M DIOTEC-S5M Datasheet
107Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
S5M SEMIKRON-S5M Datasheet
117Kb / 2P
Surface mount diode
More results

Similar Description - S5M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SKL54C TSC-SKL54C Datasheet
46Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
HS5A TSC-HS5A Datasheet
52Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
SK52B TSC-SK52B Datasheet
52Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK53C TSC-SK53C Datasheet
50Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
HS5A TSC-HS5A_1 Datasheet
248Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
S2AA TSC-S2AA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
SK52B TSC-SK52B_1 Datasheet
258Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK52C TSC-SK52C Datasheet
287Kb / 2P
5.0 AMPS. Surface Mount Schottky Barrier Rectifiers
HS5A TSC-HS5A_10 Datasheet
438Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
S5A TSC-S5A_12 Datasheet
192Kb / 2P
5.0 AMPS. Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com