Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54
Description  Surface Mount Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT54 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 16 -
BAT54 / A / C / S
Surface Mount Schottky Barrier Diode
Voltage Range
30 Volts
200m Watts Power Dissipation
Features
Low turn-on voltage
Fast switching
PN junction guard ring for transient and ESD
protection
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Marking & Polarity: See diagram
Weight: 0.008 gram (approx.
)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings
TA=25℃ unless otherwise specified
Type Number
Symbol
Value
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current
IF
200
mA
Repetitive Peak Forward Current
IFM
300
mA
Forward Surge Current
@ t=1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air
R
θJA
500
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 125
OC
Electrical Characteristics
Type Number
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage (Note 1)
V(BR)R
30
-
-
V
Reverse Leakage Current (Note 1)
VR=25V
IR
-
-
2.0
uA
Forward Voltage (Note 1)
IF=0.1mA
IF=1.0mA
IF= 10mA
IF = 30mA
IF=100mA
VF
-
-
240
320
400
500
1000
mV
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
-
10
pF
Reverse Recovery Time (Note 2)
trr
-
-
5.0
nS
Notes: 1. Short Duration Pulse Test used to Minimize Self-Heating Effect.
2. Reverse Recovery Test Conditions: IF=10mA through IR=10mA to IR=1.0mA,
RL=100
Ω.
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)
BAT54SMarking:L44
BAT54CMarking: L43
BAT54AMarking: B6
BAT54Marking:LV3


Similar Part No. - BAT54

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54 PANJIT-BAT54 Datasheet
112Kb / 3P
SURFACT MOUNT SCHOTTKY BARRIER
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
Schottky barrier double diodes
2002 Mar 04
logo
STMicroelectronics
BAT54 STMICROELECTRONICS-BAT54 Datasheet
83Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Won-Top Electronics
BAT54 WTE-BAT54 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT54 ZETEX-BAT54 Datasheet
101Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com