Electronic Components Datasheet Search
  English  ▼

X  

BAT400D Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAT400D
Description  0.5A Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT400D Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAT400D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT400D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 36 -
0.020(0.51)
0.015(0.37)
0.055(1.40)
0.047(1.19)
0.098(2.50)
0.083(2.10)
0.024(0.61)
0.018(0.45)
0.007(0.178)
0.003(0.076)
0.024(0.61)
0.018(0.45)
0.080(2.05)
0.070(1.78)
0.041(1.05)
0.047(0.89)
0.120(3.05)
0.104(2.65)
0.006(0.15)
0.001(0.013)
0.043(1.10)
0.035(0.89)
BAT400D
0.5A Surface Mount Schottky Barrier Rectifier
Voltage Range
40 Volts
480m Watts Power Dissipation
Features
Low forward voltage drop
High conductance
Mechanical Data
Case: SOT-23, Molded plastic
Terminals: Solderable per MIIL-STD-202,
Method 208
Polarity: See diagram
Marking: KSJ
Weight: 0.008 grams (approx.
)
SOT-23
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
BAT400D
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Rectified Cureent
Io
0.5
A
Non-repetitive Peak Forward Surge Current
8.3ms Single half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
3
A
Power Dissipation (see figure 1)
Pd
480
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
R
θJA
286
OC /W
Operating and Storage Temperature Range
TJ, TSTG
-40 to + 125
OC
Electrical Characteristics
Type Number
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage
IR=1mA
V(BR)
40
-
-
V
Reverse Leakage Current (Note 2) VR=10V
VR=30V
IR
-
-
1.0
2.0
30
50
uA
uA
Forward Voltage Drop (Note 2) IF=10mA
IF=500mA
VF
-
-
285
480
300
550
mV
Junction Capacitance
VR=0, f=1.0MHz
VR=10, f=1.0MHz
Cj
-
125
20
-
-
pF
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Short Duration Pulse Test used to Minimize Self-Heating Effect.
.


Similar Part No. - BAT400D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT400D DIODES-BAT400D Datasheet
63Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 7 - 2
BAT400D DIODES-BAT400D Datasheet
363Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
logo
SEMTECH ELECTRONICS LTD...
BAT400D SEMTECH_ELEC-BAT400D Datasheet
202Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
BAT400D DIODES-BAT400D Datasheet
117Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 June 2008
logo
Pan Jit International I...
BAT400D PANJIT-BAT400D Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT400D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT400D DIODES-BAT400D Datasheet
63Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 7 - 2
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
MBR0580S1 DIODES-MBR0580S1 Datasheet
327Kb / 6P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com