Electronic Components Datasheet Search
  English  ▼

X  

BY296 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BY296
Description  2.0 AMPS. Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BY296 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BY296 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BY296 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 408 -
BY296 THRU BY299
2.0 AMPS. Fast Recovery Rectifiers
Voltage Range
100 to 800 Volts
Current
2.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-
STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 1.2 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
BY296
BY297
BY298
BY299 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
800
V
Maximum RMS Voltage
VRMS
70
140
280
560
V
Maximum DC Blocking Voltage
VDC
100
200
400
800
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length @TA = 55
℃
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
70
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=100
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
250
nS
Typical Junction Capacitance ( Note 2 )
Cj
40
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
55
O
C/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - BY296

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY296 PANJIT-BY296 Datasheet
62Kb / 2P
SOFT RECOVERY PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 2.0 Amperes)
logo
Jinan Gude Electronic D...
BY296 JGD-BY296 Datasheet
141Kb / 2P
2.0 AMPS. FAST RECOVRY RECTIFIERS
logo
Semtech Corporation
BY296 SEMTECH-BY296 Datasheet
76Kb / 2P
FAST SILICON RECTIFIERS?
logo
Dc Components
BY296 DCCOM-BY296 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BY296 EIC-BY296 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BY296

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR201 JGD-SFR201 Datasheet
143Kb / 2P
2.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201_1 Datasheet
245Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
FR201G TSC-FR201G_1 Datasheet
66Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SFR201 TSC-SFR201 Datasheet
66Kb / 2P
2.0 AMPS. Soft Fast Recovery Rectifiers
SFR201 TSC-SFR201_1 Datasheet
243Kb / 2P
2.0 AMPS. Soft Fast Recovery Rectifiers
RS2A TSC-RS2A_10 Datasheet
570Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
FR201 TSC-FR201_10 Datasheet
540Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
RS2A LUGUANG-RS2A Datasheet
237Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
RS2AA LUGUANG-RS2AA Datasheet
567Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com