Electronic Components Datasheet Search
  English  ▼

X  

SOIC Datasheet(PDF) 1 Page - Amkor Technology

Part # SOIC
Description  SOIC (Small Outline IC Package) is a leadframe based, plastic encapsulated package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

SOIC Datasheet(HTML) 1 Page - Amkor Technology

  SOIC Datasheet HTML 1Page - Amkor Technology SOIC Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reliability Qualification
Amkor package qualification uses three independent production lots and a
minimum of 77 units per test group. All testing includes JSTD‑020 moisture
preconditioning.
f
Moisture sensitivity characterization
▷ 8L: JEDEC level 1, 85°C/85% RH, 168 hours
▷ Other than 8L: JEDEC level 3, 30°C/60% RH, 192 hours
f
uHAST: 130°C/85% RH, no bias, 96 hours
f
Temp cycle: ‑65°C/+150°C, 500 cycles
f
High temp storage: 150°C, 1000 hours
SOIC (Small Outline IC Package) is a leadframe based, plastic
encapsulated package that is well suited for applications requiring
optimum performance in IC packaging. This industry standard
package runs in very‑high volume and provides value added, low‑cost
solutions for a wide range of applications.
SOIC
DATA SHEET | LEADFRAME PRODUCTS
Thermal Performance
Forced Convection, Single-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
8 Ld
4.9 x 3.8
2.3 x 2.3
153.3
128.5
115.5
20 Ld
12.8 x 7.6
5.1 x 4.1
83.2
65.7
57.5
Forced Convection, Multi-Layer PCB
Package
Body Size
(mm)
Pad Size
(mm)
θJA at (°C/W) by Velocity (LFPM)
0
200
500
8 Ld
4.9 x 3.8
2.3 x 2.3
112.7
103.3
97.1
Pre‑JEDEC standard test boards
JEDEC standard test boards
Electrical Performance
Simulated Results @ 100 MHz
Package
Body Size
(mm)
Pad Size
(mm)
Lead
Inductance
(nH)
Capacitance
(pF)
Resistance
(mΩ)
8 Ld
4.9 x 3.8
3.6 x 2.3
Longest
1.25
0.263
8.2
–
–
–
Shortest
0.718
0.218
5.1
FEATURES
f
Cu wire interconnect for low cost
f
Standard JEDEC package outlines
f
Multi‑die production capability
f
Turnkey test services, including strip
test options
f
Green materials are standard –
Pb‑free and RoHS compliant
f
Stealth dicing (narrow saw streets)
f
Larger/Higher density leadframe strips
f
Leadframe roughening for improved
MSL capability
PROCESS HIGHLIGHTS
f
Au plated PCC wire is standard,
Au and Ag wire available
f
Wafer backgrinding services available
f
Multiple die and die stacking capability
f
NiPdAu (PPF) lead finish is standard,
matte Sn is optional
f
Laser mark on package body


Similar Part No. - SOIC

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
Surface Mount SOIC Resistor Networks
logo
TT Electronics.
SOIC TTELEC-SOIC Datasheet
496Kb / 4P
Both narrow and wide body versions available
logo
Amkor Technology
SOIC AMKOR-SOIC Datasheet
780Kb / 3P
ExposedPad (ePad) TSSOP, MSOP, SOIC and SSOP are leadframe based
12/21
SOIC AMKOR-SOIC Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
International Rectifier
SOIC-14PIN IRF-SOIC-14PIN Datasheet
18Kb / 1P
14-Pin Surface Mount, Narrow Body
More results

Similar Description - SOIC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Maxim Integrated Produc...
21-0042 MAXIM-21-0042 Datasheet
46Kb / 1P
PACKAGE OUTLINE, SOIC,300
Rev F
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-NSO ACCUTEK-AK08D300-NSO_12 Datasheet
741Kb / 11P
Small Outline Package SOIC, SOJ and PLCC DIP Adapters
logo
Advanced Power Electron...
AP2301EN-HF A-POWER-AP2301EN-HF_14 Datasheet
102Kb / 4P
Small Package Outline
AP2301N-HF A-POWER-AP2301N-HF_14 Datasheet
65Kb / 4P
Small Package Outline
AP2302GN-HF A-POWER-AP2302GN-HF_14 Datasheet
102Kb / 4P
Small package outline
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
Small Outline Package
AP2323AGN-HF A-POWER-AP2323AGN-HF_14 Datasheet
104Kb / 4P
Small Package Outline
AP2307GN-HF A-POWER-AP2307GN-HF_16 Datasheet
65Kb / 5P
Small Package Outline
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com