Electronic Components Datasheet Search
  English  ▼

X  

FR107S Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # FR107S
Description  1.0 AMP. Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

FR107S Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  FR107S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd FR107S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
FR101S - FR107S
1.0 AMP. Fast Recovery Rectifiers
A-405
Features
High efficiency, Low VF
High current capability
High reliability
High surge current capability
Low power loss.
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.22gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol FR
101S
FR
102S
FR
103S
FR
104S
FR
105S
FR
106S
FR
107S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
150
250
500
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
pF
Typical Thermal Resistance
RθJA
90
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - FR107S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
FR107S TSC-FR107S Datasheet
63Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
SEMTECH ELECTRONICS LTD...
FR107S SEMTECH_ELEC-FR107S Datasheet
208Kb / 1P
FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
FR107S GULFSEMI-FR107S Datasheet
1,018Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT:1.0A
logo
Taiwan Semiconductor Co...
FR107S TSC-FR107S Datasheet
540Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Semiconducto...
FR107S CHENDA-FR107S Datasheet
79Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - FR107S

ManufacturerPart #DatasheetDescription
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
1F1 GWSEMI-1F1 Datasheet
67Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
1F1 DGNJDZ-1F1 Datasheet
139Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
BA157-2C1A-2CDO-41 DGNJDZ-BA157-2C1A-2CDO-41 Datasheet
212Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
1N4942 DGNJDZ-1N4942 Datasheet
219Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com