Electronic Components Datasheet Search
  English  ▼

X  

GP10A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GP10A
Description  1.0 AMP. Glass Passivated Junction Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP10A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GP10A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP10A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 566 -
GP10A THRU GP10M
1.0 AMP. Glass Passivated Junction Plastic Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Ampere
Features
High temperature metallurgically bonded construction
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
1.0 ampere operation at TA=75
oC and 55oC with no thermal
runaway
Typical IR less than 0.1 uA
High temperature soldering guaranteed:
350
oC / 10 seconds, 0.375”(9.5mm) lead length, 5 lbs.
(2.3kg) tension
Mechanical Data
Case: JEDEC DO-41 molded plastic over glass body
Lead: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.012 ounce, 0.3 gram
DO-41
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol GP
10A
GP
10B
GP
10D
GP
10G
GP
10J
GP
10K
GP
10M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
(See Fig. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@1.0A
VF
1.1
1.2
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5.0
50
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TA=75
℃
HTIR
30
uA
Typical Junction Capacitance ( Note 1 )
Cj
10
pF
Typical Thermal Resistance (Note 2)
R
θJA
65
℃/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 175
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - GP10A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP10A GE-GP10A Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Micro Commercial Compon...
GP10A MCC-GP10A Datasheet
84Kb / 3P
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
First Components Intern...
GP10A FCI-GP10A Datasheet
144Kb / 2P
1.0 Amp MEGARECTIFIERS Mechanical Dimensions
logo
TAITRON Components Inco...
GP10A TAITRON-GP10A Datasheet
127Kb / 4P
1.0A Sintered Glass Passivated Rectifier
More results

Similar Description - GP10A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
1.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
1.0 AMP. Glass Passivated Junction Plastic Rectifiers
RGP10A TSC-RGP10A Datasheet
67Kb / 2P
1.0 AMP. Glass Passivated Junction Fast Recovery Rectifiers
EGP10A TSC-EGP10A Datasheet
73Kb / 2P
1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
UF1A TSC-UF1A_1 Datasheet
68Kb / 2P
1.0 AMP. Glass Passivated Ultrafast Plastic Rectifiers
UF4001 TSC-UF4001 Datasheet
210Kb / 2P
1.0 AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
First Components Intern...
HER101G FCI-HER101G Datasheet
91Kb / 2P
1.0 Amp Glass Passivated SUPER FAST PLASTIC RECTIFIERS
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
logo
First Components Intern...
SMA4001M FCI-SMA4001M Datasheet
107Kb / 2P
1.0 Amp GLASS PASSIVATED MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com