Electronic Components Datasheet Search
  English  ▼

X  

GP30A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GP30A
Description  3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GP30A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GP30A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GP30A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 572 -
GP30A THRU GP30M
3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
High temperature metallurgically bonded construction
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Glass passivated cavity-free junction
Capable of meeting environmental standards of
MIL-S-19500
3.0 amperes operation at TA=55
oC and with no thermal
runaway
Typical IR less than 0.1 uA
High temperature soldering guaranteed:
350
oC / 10 seconds, 0.375”(9.5mm) lead length, 5 lbs.
(2.3kg) tension
Mechanical Data
Case: JEDEC DO-201AD molded plastic over glass body
Lead: Plated axial leads, solderable per MIL-STD- 750,
Method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.048 ounce, 1.28 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
GP
30A
GP
30B
GP
30D
GP
30G
GP
30J
GP
30K
GP
30M
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375”(9.5mm) Lead Length at TA=55
℃
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load (JEDEC
method )
IFSM
125
A
Maximum Instantaneous Forward Voltage @3.0A
VF
1.2
1.1
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=150
℃
IR
5.0
100
uA
uA
Maximum Full Load Reverse Current, Full Cycle
Average .375”(9.5mm) Lead Length @TA=55
℃
HTIR
100
uA
Typical Junction Capacitance ( Note 1 )
Cj
40.0
pF
Typical Thermal Resistance (Note 2)
R
θJA
35
℃/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 175
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 16mm x 16mm on P.C.B.


Similar Part No. - GP30A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GP30A ZOWIE-GP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GP30A GE-GP30A Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Micro Commercial Compon...
GP30A MCC-GP30A Datasheet
80Kb / 3P
3.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts
logo
First Components Intern...
GP30A FCI-GP30A Datasheet
172Kb / 2P
3.0 Amp MEGARECTIFIERS
logo
TAITRON Components Inco...
GP30A TAITRON-GP30A Datasheet
132Kb / 4P
3.0A Sintered Glass Passivated Rectifier
More results

Similar Description - GP30A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G Datasheet
230Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_1 Datasheet
61Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
RGP30A TSC-RGP30A Datasheet
68Kb / 2P
3.0 AMPS. Glass Passivated Junction Fast Recovery Rectifiers
EGP30A TSC-EGP30A Datasheet
73Kb / 2P
3.0 AMPS. Glass Passivated High Efficient Plastic Rectifiers
GP15A TSC-GP15A Datasheet
65Kb / 2P
1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
GP20A TSC-GP20A Datasheet
67Kb / 2P
2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
1N5400G TSC-1N5400G_10 Datasheet
380Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_11 Datasheet
191Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
logo
New Jersey Semi-Conduct...
GP15A NJSEMI-GP15A Datasheet
97Kb / 1P
1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
GP30A NJSEMI-GP30A Datasheet
94Kb / 1P
3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com