Electronic Components Datasheet Search
  English  ▼

X  

SDB13 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SDB13
Description  1.0 AMP. Schottky Barrier Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SDB13 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SDB13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SDB13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
.404(10.3)
.386(9.80)
.255(6.5)
.245(6.2)
.013(0.33)
.0088(0.22)
.013(0.33)
.003(0.076)
.060(1.53)
.040(1.02)
.205(5.2)
.195(5.0)
.047(1.20)
.040(1.02)
.335(8.51)
.320(8.13)
0
45
.130(3.30)
.120(3.05)
SDB(S)12 - SDB(S)115
1.0 AMP. Schottky Barrier Bridge Rectifiers
DB
DBS
Features
Metal to silicon rectifier, majority carrier
conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Epitaxial construction
High temperature soldering:
260
oC/ 10 seconds at terminals
Small size, single installation lead solderable
per MIL-STD-202 Method 208
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
SDB
12
SDB
13
SDB
14
SDB
15
SDB
16
SDB
19
SDB
110
SDB
115
Type Number
Symbol
SDBS
12
SDBS
13
SDBS
14
SDBS
15
SDBS
16
SDBS
19
SDBS
110
SDBS
115
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100
150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100
150
V
Maximum Average Forward Rectified
Current at TL(See Fig. 1)
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
(Note 1) @ 1.0A
VF
0.5
0.75
0.80
0.95
V
0.4
0.1
Maximum DC Reverse Current
@ TA =25 oC
at Rated DC Blocking Voltage
@ TA=100 oC
IR
10
5.0
0.5
mA
mA
Typical Junction Capacitance (Note 3)
Cj
50
pF
Typical Thermal Resistance ( Note 2 )
R θJL
RθJA
28
88
oC /W
Operating Temperature Range
TJ
-65 to +125
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Pulse Test with PW=300 usec, 1% Duty Cycle
2. Measured on P.C.Board with 0.5” x 0.5” (12 mm x 12mm) Copper Pad Areas.
3. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SDB13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SDB13 TSC-SDB13 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SDB13 LUGUANG-SDB13 Datasheet
254Kb / 2P
1.0 AMP. Schottky Barrier Bridge Rectifiers
logo
AUK corp
SDB130 AUK-SDB130 Datasheet
163Kb / 3P
Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
228Kb / 5P
SDB130-1
More results

Similar Description - SDB13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SDB12 LUGUANG-SDB12 Datasheet
254Kb / 2P
1.0 AMP. Schottky Barrier Bridge Rectifiers
logo
Nanjing International G...
SB120 DGNJDZ-SB120 Datasheet
262Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 DGNJDZ-SR220 Datasheet
178Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1100-1A-DO-41 DGNJDZ-SR1100-1A-DO-41 Datasheet
318Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
1N5817-1A-DO-41 DGNJDZ-1N5817-1A-DO-41 Datasheet
206Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220-2A-DO-41 DGNJDZ-SR220-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR250-2A-DO-41 DGNJDZ-SR250-2A-DO-41 Datasheet
212Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com