Electronic Components Datasheet Search
  English  ▼

X  

SF25G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SF25G
Description  2.0 AMPS. Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF25G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF25G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF25G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 242 -
SF21G THRU SF28G
2.0 AMPS. Glass Passivated Super Fast Rectifiers
Voltage Range
50 to 600 Volts
Current
2.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-O rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Mounting position: Any
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SF
21G
SF
22G
SF
23G
SF
24G
SF
25G
SF
26G
SF
27G
SF
28G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50 100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50 100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375(9.5mm) Lead Length
@ TA=55
℃
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time (Note 1)
Trr
35
nS
Typical Junction Capacitance (Note 2)
Cj
40
20
pF
Typical Thermal Resistance (Note 3)
R
θJA
65
℃/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on PCB.


Similar Part No. - SF25G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SF25G JGD-SF25G Datasheet
162Kb / 2P
2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF25G TSC-SF25G Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF25G BILIN-SF25G Datasheet
111Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF25G MIC-SF25G Datasheet
55Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF25G CHONGQING-SF25G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF25G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FR201G JGD-FR201G Datasheet
138Kb / 2P
2.0 AMPS. GLASS PASSIVATED FAST RECOVERY RECTIFIERS
SF11G JGD-SF11G Datasheet
168Kb / 2P
1.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
SF21G JGD-SF21G Datasheet
162Kb / 2P
2.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFA1601G TSC-SFA1601G Datasheet
56Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
FR201G TSC-FR201G Datasheet
250Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
FR201G TSC-FR201G_1 Datasheet
66Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
SF21G TSC-SF21G_1 Datasheet
257Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
UG2D TSC-UG2D Datasheet
548Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com