Electronic Components Datasheet Search
  English  ▼

X  

ANX2187 Datasheet(PDF) 2 Page - Analogix Semiconductor, Inc.

Part # ANX2187
Description  ANX2187 28nm UHD eDP1.4b TCON with In-cell Touch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.

ANX2187 Datasheet(HTML) 2 Page - Analogix Semiconductor, Inc.

  ANX2187 Datasheet HTML 1Page - Analogix Semiconductor, Inc. ANX2187 Datasheet HTML 2Page - Analogix Semiconductor, Inc. ANX2187 Datasheet HTML 3Page - Analogix Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AA-006364-PB-1
June 2019
Preliminary
ANX2187
Product Brief
ANX2186 is identical without in-cell touch
functions
ANX2186BN-AA-T: BGA112
(5.15x11x1mm), 0.5mm pitch
DPRX
AFE
DPRX
PHY
GPIO
POR
GPIO
DP MainLink(x4 lanes)
EPI/iSP/CHPI
Links
P2P
ABE
DPRX
Link
ANX_
TCON-
Function
EPI/
iSP
Link
Timing
Gen
TCON Gate
Controls
SRAM
Frame Buffer
AIT/PSR/
PSR2/NVSR
OCM
Subsystem
EEPROM Loader
RISC-V
I2C Master/Slave
I2C EEPROM & Debug
Port
DBC
CE
GAMMA
MS-Color
PDM
Timing
Monitor
Failsafe
Detection
DSC
Encoder
DSC
Decoder
Over
Drive
Gsync/
VRR/
sDRRS
FRC
ODFC PLL
HDR600
LRR/
LRD
BIST/
AGING/
PATGEN/
InstantOn
LPTD
DP Auxiliary
HPD
Local
Dimming
SPI
ANX2187 Block Diagram
Copyright ©2018 Analogix Semiconductor, Inc.
3211 Scott Blvd., Suite 100
Santa Clara, CA 95054, USA
+1 (408) 988-8848
http://www.analogix.com/



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com