Electronic Components Datasheet Search
  English  ▼

X  

28C64 Datasheet(PDF) 11 Page - SYC Electronica

Part # 28C64
Description  64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

28C64 Datasheet(HTML) 11 Page - SYC Electronica

Back Button 28C64 Datasheet HTML 4Page - SYC Electronica 28C64 Datasheet HTML 5Page - SYC Electronica 28C64 Datasheet HTML 6Page - SYC Electronica 28C64 Datasheet HTML 7Page - SYC Electronica 28C64 Datasheet HTML 8Page - SYC Electronica 28C64 Datasheet HTML 9Page - SYC Electronica 28C64 Datasheet HTML 10Page - SYC Electronica 28C64 Datasheet HTML 11Page - SYC Electronica 28C64 Datasheet HTML 12Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AT28C64B
11
Note:
1. See “Valid Part Numbers” table below.
Ordering Information
(1)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
150
40
0.1
AT28C64B-15JC
AT28C64B-15PC
AT28C64B-15SC
AT28C64B-15TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
AT28C64B-15JI
AT28C64B-15PI
AT28C64B-15SI
AT28C64B-15TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
200
40
0.1
AT28C64B-20JC
AT28C64B-20PC
AT28C64B-20SC
AT28C64B-20TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
AT28C64B-20JI
AT28C64B-20PI
AT28C64B-20SI
AT28C64B-20TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
250
40
0.1
AT28C64B-25JC
AT28C64B-25PC
AT28C64B-25SC
AT28C64B-25TC
32J
28P6
28S
28T
Commercial
(0
°C to 70°C)
AT28C64B-25JI
AT28C64B-25PI
AT28C64B-25SI
AT28C64B-25TI
32J
28P6
28S
28T
Industrial
(-40
°C to 85°C)
Valid Part Numbers
The following table lists standard Atmel products that can be ordered.
Device Numbers
Speed
Package and Temperature Combinations
AT28C64B
15
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64B
20
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64B
25
JC, JI, PC, PI, SC, SI, TC, TI
AT28C64B
–
W
Die Products
Reference Section: Parallel EEPROM Die Products
Package Type
32J
32-lead, Plastic J-leaded Chip Carrier (PLCC)
28P6
28-lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28S
28-lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
28T
28-lead, Plastic Thin Small Outline Package (TSOP)
W
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com