Electronic Components Datasheet Search
  English  ▼

X  

93C46 Datasheet(PDF) 4 Page - SYC Electronica

Part # 93C46
Description  16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93C46 Datasheet(HTML) 4 Page - SYC Electronica

  93C46 Datasheet HTML 1Page - SYC Electronica 93C46 Datasheet HTML 2Page - SYC Electronica 93C46 Datasheet HTML 3Page - SYC Electronica 93C46 Datasheet HTML 4Page - SYC Electronica 93C46 Datasheet HTML 5Page - SYC Electronica 93C46 Datasheet HTML 6Page - SYC Electronica 93C46 Datasheet HTML 7Page - SYC Electronica 93C46 Datasheet HTML 8Page - SYC Electronica 93C46 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
M93C86, M93C76, M93C66, M93C56, M93C46, M93C06
4/27
INSTRUCTIONS
The instruction set of the M93Cx6 devices con-
tains seven instructions, as summarized in Table 4
to Table 6. Each instruction consists of the follow-
ing parts, as shown in Figure 5:
s
Each instruction is preceded by a rising edge on
Chip Select Input (S) with Serial Clock (C) being
held Low.
s
A start bit, which is the first ‘1’ read on Serial
Data Input (D) during the rising edge of Serial
Clock (C).
s
Two op-code bits, read on Serial Data Input (D)
during the rising edge of Serial Clock (C).
(Some instructions also use the first two bits of
the address to define the op-code).
s
The address bits of the byte or word that is to be
accessed. For the M93C46, the address is
made up of 6 bits for the x16 organization or 7
bits for the x8 organization (see Table 4). For
the M93C56 and M93C66, the address is made
up of 8 bits for the x16 organization or 9 bits for
the x8 organization (see Table 5). For the
M93C76 and M93C86, the address is made up
of 10 bits for the x16 organization or 11 bits for
the x8 organization (see Table 6).
The M93Cx6 devices are fabricated in CMOS
technology and are therefore able to run as slow
as 0 Hz (static input signals) or as fast as the max-
imum ratings specified in Table 19 to Table 22.
Table 4. Instruction Set for the M93C46 and M93C06
Note: 1. X = Don’t Care bit.
2. Address bits A6 and A5 are not decoded by the M93C06.
3. Address bits A5 and A4 are not decoded by the M93C06.
Instruc
tion
Description
Start
bit
Op-
Code
x8 Origination (ORG = 0)
x16 Origination (ORG = 1)
Address1,2
Data
Required
Clock
Cycles
Address1,3
Data
Required
Clock
Cycles
READ
Read Data from
Memory
1
10
A6-A0
Q7-Q0
A5-A0
Q15-Q0
WRITE
Write Data to
Memory
1
01
A6-A0
D7-D0
18
A5-A0
D15-D0
25
EWEN
Erase/Write Enable
1
00
11X XXXX
10
11 XXXX
9
EWDS
Erase/Write Disable
1
00
00X XXXX
10
00 XXXX
9
ERASE
Erase Byte or Word
1
11
A6-A0
10
A5-A0
9
ERAL
Erase All Memory
1
00
10X XXXX
10
10 XXXX
9
WRAL
Write All Memory
with same Data
1
00
01X XXXX
D7-D0
18
01 XXXX
D15-D0
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com