Electronic Components Datasheet Search
  English  ▼

X  

FCN10 Datasheet(PDF) 2 Page - AG Electronica

Part # FCN10
Description  CONECTOR DE 10 PIN PARA CABLE PLANO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

FCN10 Datasheet(HTML) 2 Page - AG Electronica

  FCN10 Datasheet HTML 1Page - AG Electronica FCN10 Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
||
|||||
Aplicaciones
Electrónica de consumo
Energía alternativa
Comunicaciones
Dimensiones
AG Electrónica S.A.P.I. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: (01)55 5130 - 7210
ACOTACIÓN:
N/A
http://www.agelectronica.com
ESCALA:
N/A
REALIZO: JMML
REV:DMSP
TOLERANCIA:
N/A
CONECTOR MACHO DE 10 PIN PARA CABLE
PLANO
TOLERANCIA:
N/A
Fecha:
08/11/2019
No. Parte :
FCN10
A
B
C
17.40mm 11.43mm 10.16mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com