Electronic Components Datasheet Search
  English  ▼

X  

RVUDCPR-B24 Datasheet(PDF) 1 Page - Belden Inc.

Part # RVUDCPR-B24
Description  REVConnect Dust Cover Caps for Jacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RVUDCPR-B24 Datasheet(HTML) 1 Page - Belden Inc.

  RVUDCPR-B24 Datasheet HTML 1Page - Belden Inc. RVUDCPR-B24 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: REVConnect Dust Caps for Jacks
REVConnect Dust Cover Caps for Jacks
Product Description
REVConnect Dust Caps for Jacks are available in several colors in a bulk pack of 24.
Technical Specifications
Physical Characteristics (Overall)
Height:
0.634 in
Width:
0.571 in
Depth:
0.181
Packaging:
24 covers bulk packaged in a cardboard box.
Weight:
0.001 lbs
Connectors
Materials
Material
Plastic
Temperature Range
Installation Temperature Range:
-10°C To +60°C
Storage Temperature Range:
-40°C To +70°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Characteristics
Footprint/Type:
REVConnect
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS):
Yes
MII Order #39 (China RoHS):
EUP 50
Related Part Numbers
Related Parts:
Compatible with Belden's REVConnect jacks
Variants
Item #
Color
Packaging
UPC
RVUDCAL-B24
Almond
24 covers bulk packaged in a cardboard
box.
611589205368
RVUDCBK-B24
Black
24 covers bulk packaged in a cardboard
box.
611589205382
RVUDCBL-B24
Blue
24 covers bulk packaged in a cardboard
box.
611589205450
RVUDCBR-B24
Brown
24 covers bulk packaged in a cardboard
box.
611589205405
RVUDCGY-B24
Gray
24 covers bulk packaged in a cardboard
box.
611589205351


Similar Part No. - RVUDCPR-B24

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
RVUDCTB-B24 BELDEN-RVUDCTB-B24 Datasheet
306Kb / 3P
REVConnect CAT5e UTP Modular Jack, T568 A/B
02-12-2024
RVUDCTG-B24 BELDEN-RVUDCTG-B24 Datasheet
306Kb / 3P
REVConnect CAT5e UTP Modular Jack, T568 A/B
02-12-2024
RVUDCTN-B24 BELDEN-RVUDCTN-B24 Datasheet
306Kb / 3P
REVConnect CAT5e UTP Modular Jack, T568 A/B
02-12-2024
RVUDCTO-B24 BELDEN-RVUDCTO-B24 Datasheet
306Kb / 3P
REVConnect CAT5e UTP Modular Jack, T568 A/B
02-12-2024
RVUDCTP-B24 BELDEN-RVUDCTP-B24 Datasheet
306Kb / 3P
REVConnect CAT5e UTP Modular Jack, T568 A/B
02-12-2024
More results

Similar Description - RVUDCPR-B24

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
Photointerrupter with Dust Cover
logo
Glenair, Inc.
187-019 GLENAIR-187-019 Datasheet
196Kb / 1P
Vinyl Dust Caps
187-019 GLENAIR-187-019 Datasheet
134Kb / 1P
Pin and Socket Dust Caps
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
Dust Cover as standard
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
logo
PHOENIX CONTACT
1674532 PHOENIX-1674532 Datasheet
54Kb / 3P
Cover caps - HC-BS-PG29
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
SFP DUST COVER
logo
PHOENIX CONTACT
1670235 PHOENIX-1670235 Datasheet
57Kb / 3P
Cover caps - Q-PROT 9/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com