Electronic Components Datasheet Search
  English  ▼

X  

SP1202 Datasheet(PDF) 1 Page - Analogix Semiconductor, Inc.

Part # SP1202
Description  SlimPort® NANO●CONSOLE™
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.

SP1202 Datasheet(HTML) 1 Page - Analogix Semiconductor, Inc.

  SP1202 Datasheet HTML 1Page - Analogix Semiconductor, Inc. SP1202 Datasheet HTML 2Page - Analogix Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AA-003968-PB-1
March 2016
Preliminary
SP8001
Product Brief
SlimPort
NANOCONSOLE
The SP8001 SlimPort NANOCONSOLE connects SlimPort or Mobility DisplayPort™ (MyDP) enabled 4K Ultra HD mobile
devices to HDMI monitors or TVs, allowing 2160p resolution videos and pictures from your mobile device to be viewed on a
large screen. A Bluetooth-enabled NANO Remote allows users to navigate the content on a large screen remotely from the
mobile device.
Features
Tower
 Pigtail cable
 SlimPort Micro-USB connection supports
charging and video-out for SlimPort-enabled
devices up to 4K Ultra HD (2160p)
 Micro-USB charging port
 5V inputs, up to 1.5A if device supports
Battery Charge Specification 1.2 (BC1.2)
 HDMI (female) Video-In port
 Up to 4K Ultra HD (2160p)
 HDMI (female) Video-Out port
 Supports resolution up to 4K@30Hz
 HDCP 1.4 content protection
 HDMI audio support for up to 7.1 channels
NANO Remote
 Touchpad using HID mouse interface
 Up/Down volume controls
 Bluetooth Smart (Bluetooth Low-Energy)
wireless transmission
Standards compliance
 SlimPort certified
 VESA MyDP 1.0 compliant
 HDMI 1.4 compliant
 FCC Part 15 Class B EMI compliant
 CE certified
 RoHS II compliant
 KCC certified
Other features
 ± 8kV HBM-ESD
 1 year guarantee
 0 to +40°C operating temperature
 -10 to +70°C storage temperature
 5 to 95% relative humidity
 Plug-and-play functionality
Physical specifications
 Size
 Tower: 61mm x 61mm x 45mm
 Base: 121m x 121mm x 18mm
 NANO Remote: 61mm x 61mm x 10.5mm
 Pigtail length: 30cm
 Weight
 Tower: 76g
 Base: 52g
 NANO Remote: 36g
 Color
 Pantone: (Red) PMS 1788C, (Grey) PMS Cool
Grey 3C
Package includes
 Tower
 Base
 NANO Remote, batteries and battery tray
(inside remote)
 HDMI cable
 Micro-USB charging cable
 User Manual in English, Chinese & Korean
 Gift box: 220m*167mm*20cm
nanoconsole.com  slimport.com


Similar Part No. - SP1202

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
SP1202 ANALOGIX-SP1202 Datasheet
1,021Kb / 2P
SlimPort®to HDMI® and VGA Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
477Kb / 2P
SlimPort®to HDMI® Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
347Kb / 2P
SlimPort®to VGA Adapter
August 2014
SP1202 ANALOGIX-SP1202 Datasheet
383Kb / 2P
SlimPort®-4K HDMI™ Adapter
March 2016
More results

Similar Description - SP1202

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIR-020N ADVANTECH-AIR-020N Datasheet
1Mb / 3P
AI Inference System Based on NVIDIA® Jetson™ Nano
19-Aug-2022
MIC-710AIL-DVA1 ADVANTECH-MIC-710AIL-DVA1 Datasheet
879Kb / 2P
NVIDIA® Jetson Nano™ Developer Kit
21-Jun-2022
MIC-711D-ON ADVANTECH-MIC-711D-ON Datasheet
780Kb / 2P
NVIDIA® Jetson Orin™ Nano Developer Kit
23-Dec-2022
logo
AAEON Technology
BOXER-8224AI AAEON-BOXER-8224AI Datasheet
764Kb / 2P
AI@Edge Embedded System with NVIDIA® Jetson Nano™
2023/03/24
logo
Advantech Co., Ltd.
MIC-710AIL-DVA ADVANTECH-MIC-710AIL-DVA Datasheet
1Mb / 2P
AI Developer Kit Based on NVIDIA® Jetson Nano™
17-May-2023
logo
Arduino
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
Arduino® Nano 33 IoT
03/08/2022
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
Arduino® Nano Every
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
Arduino® Nano 33 BLE
03/08/2022
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
Arduino® Nano RP2040 Connect
12/07/2022
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
Arduino® Nano ESP32
08/06/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com