Electronic Components Datasheet Search
  English  ▼

X  

SFR102 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFR102
Description  1.0 AMP. Soft Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFR102 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFR102 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFR102 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SFR101 - SFR107
1.0 AMP. Soft Fast Recovery Rectifiers
DO-41
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, Lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260 oC /10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.34 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFR
101
SFR
102
SFR
103
SFR
104
SFR
105
SFR
106
SFR
107
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
150
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
120
200
350
nS
Typical Junction Capacitance ( Note 2 )
Cj
10
pF
Typical Thermal Resistance (Note 3)
RθJA
65
oC/W
Operating Temperature Range
TJ
-65 to +150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.


Similar Part No. - SFR102

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SFR102 WTE-SFR102 Datasheet
47Kb / 3P
1.0A SOFT FAST RECOVERY RECTIFIER
logo
MIC GROUP RECTIFIERS
SFR102 MIC-SFR102 Datasheet
51Kb / 2P
SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Shenzhen Luguang Electr...
SFR102 LUGUANG-SFR102 Datasheet
200Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SFR102 DSK-SFR102 Datasheet
292Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Unisonic Technologies
SFR1020 UTC-SFR1020 Datasheet
125Kb / 4P
ULTRA-FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - SFR102

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR1A1 JGD-SFR1A1 Datasheet
138Kb / 2P
1.0 AMP. SOFT FAST RECOVERY RECTIFIERS
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR1T1 TSC-SFR1T1 Datasheet
61Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
SFR101S TSC-SFR101S Datasheet
62Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
SFR1T1 TSC-SFR1T1_1 Datasheet
258Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
SFR101S TSC-SFR101S_1 Datasheet
241Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Shenzhen Luguang Electr...
SFR101 LUGUANG-SFR101 Datasheet
200Kb / 2P
1.0 AMP. Soft Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com