Electronic Components Datasheet Search
  English  ▼

X  

SFR205 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFR205
Description  2.0 AMPS. Soft Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFR205 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFR205 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFR205 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 426 -
SFR201 THRU SFR207
2.0 AMPS. Soft Fast Recovery Rectifiers
Voltage Range
50 to 1000 Volts
Current
2.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Fast switching for high efficiency
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
℃/10 seconds/.375”,(9.5mm) lead lengths
at 5 lbs.,(2.3kg) tension
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFR
201
SFR
202
SFR
203
SFR
204
SFR
205
SFR
206
SFR
207
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 55
℃
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
60
A
Maximum Instantaneous Forward Voltage
@ 2.0A
VF
1.2
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=75
℃
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
120
200
350
nS
Typical Junction Capacitance ( Note 2 )
Cj
20
pF
Typical Thermal Resistance ( Note 3 )
R
θJA
60
O
C/W
Operating Temperature Range
TJ
-65 to +150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Notes:1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
3. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - SFR205

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR205 JGD-SFR205 Datasheet
143Kb / 2P
2.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
SFR205 TSC-SFR205 Datasheet
243Kb / 2P
2.0 AMPS. Soft Fast Recovery Rectifiers
logo
MIC GROUP RECTIFIERS
SFR205 MIC-SFR205 Datasheet
51Kb / 2P
SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Diode Semiconductor Kor...
SFR205 DSK-SFR205 Datasheet
345Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
SFR205 LUGUANG-SFR205 Datasheet
1Mb / 2P
2.0AMP. Soft Fast Recovery Rectifiers
More results

Similar Description - SFR205

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SFR201 JGD-SFR201 Datasheet
143Kb / 2P
2.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
SFR301 JGD-SFR301 Datasheet
146Kb / 2P
3.0 AMPS. SOFT FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201 TSC-FR201 Datasheet
69Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
FR201 TSC-FR201_1 Datasheet
245Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
BY296 TSC-BY296 Datasheet
67Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
SFR151 TSC-SFR151_1 Datasheet
240Kb / 2P
1.5 AMPS. Soft Fast Recovery Rectifiers
SFR201 TSC-SFR201_1 Datasheet
243Kb / 2P
2.0 AMPS. Soft Fast Recovery Rectifiers
SFR301 TSC-SFR301_1 Datasheet
243Kb / 2P
3.0 AMPS. Soft Fast Recovery Rectifiers
SFR601 TSC-SFR601_1 Datasheet
255Kb / 2P
6.0 AMPS. Soft Fast Recovery Rectifiers
FR201 TSC-FR201_10 Datasheet
540Kb / 2P
2.0 AMPS. Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com