Electronic Components Datasheet Search
  English  ▼

X  

ULQ2003ADRG4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ULQ2003ADRG4
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULQ2003ADRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ULQ2003ADRG4 Datasheet HTML 14Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 15Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 16Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 17Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 18Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 19Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 20Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 21Page - Texas Instruments ULQ2003ADRG4 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com