Electronic Components Datasheet Search
  English  ▼

X  

SK12B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SK12B
Description  1.0 AMP. Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SK12B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SK12B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SK12B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SK12B THRU SK115B)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
AT RATED TL
8.3ms Single Half Sine Wave
JEDEC Method
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
50
60
70
80
90
100
110
120
170
160
150
140
130
0
0.5
1.0
LEAD TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
SK15B - SK115B
SK12B - SK14B
PCB MOUNTED ON 0.4X0.4"
(10X10mm) COPPER PAD AREAS
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10.0
50
FORWARD VOLTAGE. (V)
SK12B-SK14B
SK15B & SK16B
SK110B & SK115B
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
SK12B-SK14B
SK15B & SK16B
SK110B & SK115B
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
1.0
10
100
10
100
400
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
PULSE WIDTH=300 S
1% DUTY CYCLE
Version: A06
1
0.01
0.1
10
100
0.1
10
1
100
PULSE DURATION, (sec)
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com