Electronic Components Datasheet Search
  English  ▼

X  

SFT16 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SFT16
Description  1.0 AMP. Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFT16 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SFT16 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFT16 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
SFT11 - SFT18
1.0 AMP. Super Fast Rectifiers
TS-1
Features
High efficiency, low VF
High current capability
High reliability
High surge current capability
Low power loss.
For use in low voltage, high frequency inventor, free
wheeling, and polarity protection application
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free. solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260
oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.20 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SFT
11
SFT
12
SFT
13
SFT
14
SFT
15
SFT
16
SFT
17
SFT
18
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100 150 200 300 400 500 600
V
Maximum RMS Voltage
VRMS
35
70
105 140 210 280 350 420
V
Maximum DC Blocking Voltage
VDC
50
100 150 200 300 400 500 600
V
Maximum Average Forward Rectified
Current .375 (9.5mm) Lead Length
@TA = 55
oC
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ 1.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current
@ TA=25
oC at Rated DC Blocking Voltage
@ TA=100
oC
IR
5.0
100
uA
uA
Maximum Reverse Recovery Time
(Note 1)
nS
35
nS
Typical Junction Capacitance (Note 2)
Cj
30
15
pF
Typical Thermal Resistance
RθJA
100
oC/W
Operating Temperature Range
TJ
-65 to +125
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
3. Mount on Cu-Pad Size 5mm x 5mm on PCB.


Similar Part No. - SFT16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SFT16 TSC-SFT16 Datasheet
65Kb / 2P
1.0 AMP. Super Fast Rectifiers
SFT16 TSC-SFT16 Datasheet
548Kb / 2P
1.0 AMP_Super Fast Rectifiers
logo
Solid States Devices, I...
SFT1618 SSDI-SFT1618 Datasheet
188Kb / 2P
10 AMP EAST SWITCHING HIGH VOLTAGE NPN TRANSISTOR 1500 VOLTS
logo
Taiwan Semiconductor Co...
SFT16G TSC-SFT16G Datasheet
62Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
SFT16G TSC-SFT16G Datasheet
286Kb / 2P
1.0 AMP. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFT16

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SF11 FORMOSA-SF11 Datasheet
36Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF18 FORMOSA-SF18 Datasheet
64Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF11S TSC-SF11S Datasheet
64Kb / 2P
1.0 AMP. Super Fast Rectifiers
SF11 TSC-SF11_1 Datasheet
257Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Memory Technolog...
SF11S_B08 TMT-SF11S_B08 Datasheet
44Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11 TSC-SF11_10 Datasheet
566Kb / 2P
1.0 AMP. Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SF11S GWSEMI-SF11S Datasheet
71Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
Nanjing International G...
ES1A DGNJDZ-ES1A Datasheet
40Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
SF11 DGNJDZ-SF11 Datasheet
203Kb / 2P
1.0 AMP SUPER FAST RECTIFIERS
logo
DIYI Electronic Technol...
SF11 DYELEC-SF11 Datasheet
703Kb / 2P
1.0 AMP. Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com