Electronic Components Datasheet Search
  English  ▼

X  

AN1502 Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # AN1502
Description  7050 Series 1 RU (Gen 3) Data Center Switches
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

AN1502 Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button AN1502 Datasheet HTML 9Page - Arista Networks, Inc AN1502 Datasheet HTML 10Page - Arista Networks, Inc AN1502 Datasheet HTML 11Page - Arista Networks, Inc AN1502 Datasheet HTML 12Page - Arista Networks, Inc AN1502 Datasheet HTML 13Page - Arista Networks, Inc AN1502 Datasheet HTML 14Page - Arista Networks, Inc AN1502 Datasheet HTML 15Page - Arista Networks, Inc AN1502 Datasheet HTML 16Page - Arista Networks, Inc AN1502 Datasheet HTML 17Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
Chapter
3
Rack Mounting the Switch
Important: The rack mounting procedure is identical for all switches covered by this guide.
Illustrations in this chapter depict the mounting of a DCS-7050QX-32S switch.
Les procédure de montage du bâti est identique pour tous les commutateurs visés
par ce guide. Illustrations dans ce chapitre montrent le montage d’un interrupteur de
DCS-7050QX-32S.
•
Two-Post Rack Mount provides instructions for mounting the switch in a two-post rack.
•
Four-Post Rack Mount provides instructions for mounting the switch in a four-post rack.
After completing the instructions for your rack type, proceed to Cabling the Switch.
3.1
Two-Post Rack Mount
Discusses two-post rack mounting options.
To mount the switch onto a two-post rack, assemble the mounting brackets to the chassis, then attach
the brackets to the rack posts. Two-post accessory kits include the following two-post mounting parts:
2 three-hole mounting brackets
Each chassis side has attachment pins that align with bracket holes. Pin orientation is symmetric and
equidistant, supporting bracket placements where the flange is flush with the front switch panel, flush
with the rear panel, or not flush with either panel. Each bracket hole includes a key-opening for placing
the bracket flush with the chassis and then locking it into place.
Important: Attachment pins must engage all three upper bracket holes.
Goupilles de fixation doivent être bloquer tous les trois trous de la bride supérieure..
Figure 2: Bracket Mount Examples for Two-Post Rack Mount displays proper bracket mount
configuration examples.
Figure 2: Bracket Mount Examples for Two-Post Rack Mount
Figure 3: Improper Bracket Mount Examples for Two-Post Rack Mount displays improper bracket
mount configuration examples.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com