Electronic Components Datasheet Search
  English  ▼

X  

93LC46 Datasheet(PDF) 13 Page - SYC Electronica

Part # 93LC46
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93LC46 Datasheet(HTML) 13 Page - SYC Electronica

Back Button 93LC46 Datasheet HTML 6Page - SYC Electronica 93LC46 Datasheet HTML 7Page - SYC Electronica 93LC46 Datasheet HTML 8Page - SYC Electronica 93LC46 Datasheet HTML 9Page - SYC Electronica 93LC46 Datasheet HTML 10Page - SYC Electronica 93LC46 Datasheet HTML 11Page - SYC Electronica 93LC46 Datasheet HTML 12Page - SYC Electronica 93LC46 Datasheet HTML 13Page - SYC Electronica 93LC46 Datasheet HTML 14Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
 2004 Microchip Technology Inc.
DS21712B-page 13
93LC46/56/66
8-Lead Plastic Small Outline (SN) – Narrow, 150 mil (SOIC)
Foot Angle
f
0
480
48
15
12
0
15
12
0
β
Mold Draft Angle Bottom
15
12
0
15
12
0
α
Mold Draft Angle Top
0.51
0.42
0.33
.020
.017
.013
B
Lead Width
0.25
0.23
0.20
.010
.009
.008
c
Lead Thickness
0.76
0.62
0.48
.030
.025
.019
L
Foot Length
0.51
0.38
0.25
.020
.015
.010
h
Chamfer Distance
5.00
4.90
4.80
.197
.193
.189
D
Overall Length
3.99
3.91
3.71
.157
.154
.146
E1
Molded Package Width
6.20
6.02
5.79
.244
.237
.228
E
Overall Width
0.25
0.18
0.10
.010
.007
.004
A1
Standoff
§
1.55
1.42
1.32
.061
.056
.052
A2
Molded Package Thickness
1.75
1.55
1.35
.069
.061
.053
A
Overall Height
1.27
.050
p
Pitch
8
8
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
p
B
E
E1
h
L
β
c
45×
f
A2
α
A
A1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-012
Drawing No. C04-057
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com