Electronic Components Datasheet Search
  English  ▼

X  

93LC86 Datasheet(PDF) 2 Page - SYC Electronica

Part # 93LC86
Description  8K/16K 2.5V Microwire® Serial EEPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

93LC86 Datasheet(HTML) 2 Page - SYC Electronica

  93LC86 Datasheet HTML 1Page - SYC Electronica 93LC86 Datasheet HTML 2Page - SYC Electronica 93LC86 Datasheet HTML 3Page - SYC Electronica 93LC86 Datasheet HTML 4Page - SYC Electronica 93LC86 Datasheet HTML 5Page - SYC Electronica 93LC86 Datasheet HTML 6Page - SYC Electronica 93LC86 Datasheet HTML 7Page - SYC Electronica 93LC86 Datasheet HTML 8Page - SYC Electronica 93LC86 Datasheet HTML 9Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
93LC76/86
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VCC...................................................................................7.0V
All inputs and outputs w.r.t. VSS ............... -0.6V to Vcc +1.0V
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-65°C to +125°C
Soldering temperature of leads (10 seconds) ............. +300°C
ESD protection on all pins................................................4 kV
*Notice: Stresses above those listed under “Maximum ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operational listings
of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability
TABLE 1-1:
PIN FUNCTION TABLE
1.2
AC Test Conditions
Name
Function
CS
CLK
DI
DO
VSS
ORG
PE
VCC
Chip Select
Serial Data Clock
Serial Data Input
Serial Data Output
Ground
Memory Configuration
Program Enable
Power Supply
AC Waveform:
VLO = 2.0V
VHI = Vcc - 0.2V
(Note 1)
VHI = 4.0V for
(Note 2)
Timing Measurement Reference Level
Input
0.5 VCC
Output
0.5 VCC
Note 1: For VCC
≤ 4.0V
2: For VCC > 4.0V
TABLE 1-2:
DC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted:
VCC = +2.5V to +6.0V
Commercial (C): TAMB = 0°C to +70°C
Industrial (I):
TAMB = -40°C to +85°C
Parameter
Symbol
Min.
Max.
Units
Conditions
High level input voltage
VIH1
2.0
VCC +1
V
VCC
≥ 2.7V
VIH2
0.7 VCC
VCC +1
V
VCC < 2.7V
Low level input voltage
VIL1
-0.3
0.8
V
VCC
≥ 2.7V
VIL2
-0.3
0.2 VCC
VVCC < 2.7V
Low level output voltage
VOL1
—
0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2
—
0.2
V
IOL =100
µA; VCC = VCC Min.
High level output voltage
VOH1
2.4
—
VIOH = -400
µA; VCC = 4.5V
VOH2
VCC-0.2
—
VIOH = -100
µA; VCC = VCC Min.
Input leakage current
ILI
-10
10
µAVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
µAVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CINT
—
7
pF
(Note Note:)
TAMB = +25°C, FCLK = 1 MHz
Operating current
ICC write
—
3mA
VCC = 5.5V
ICC read
—
1
500
mA
µA
FCLK = 3 MHz; VCC = 5.5V
FCLK = 1 MHz; VCC = 3.0V
Standby current
ICCS
—
100
30
µA
µA
CLK = CS = 0V; VCC = 5.5V
CLK = CS = 0V; VCC = 3.0V
DI = PE = VSS
ORG = VSS or VCC
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com