Electronic Components Datasheet Search
  English  ▼

X  

BYV32-150 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYV32-150
Description  Ultrafast Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYV32-150 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYV32-150 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYV32-150 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Rectifier Diode
BYV32-150
www.iscsemi.com
1
FEATURES
· High thermal cycling performance
· Low on-state losses
· Low thermal resistance
· Soft recovery characteristic
APPLICATIONS
· Switched mode power supplies
· Power Factor Correction (PFC) for Interleaved Topology
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
150
V
IF(AV)
Average Rectified Forward Current
(
Both diodes conducting)
δ
= 0.5 ; TC ≤ 129°C;
20
A
IFSM
Non-repetitive Peak Surge Current
per diode
tp=10ms,sinusoidal
125
A
TJ
Max.Junction Temperature
150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
Both diodes conducting
1.6
℃
/W
3
2
1
TO-220C Package
1
3
2
Pin 1 Anode
2 Cathode
3 Anode


Similar Part No. - BYV32-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV32-150 PHILIPS-BYV32-150 Datasheet
34Kb / 6P
Rectifier diodes ultrafast
October 1994 Rev 1.100
logo
General Semiconductor
BYV32-150 GE-BYV32-150 Datasheet
79Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
Vishay Siliconix
BYV32-150 VISHAY-BYV32-150 Datasheet
155Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
BYV32-150-E3 VISHAY-BYV32-150-E3 Datasheet
146Kb / 5P
Dual Common-Cathode Ultrafast Rectifier
05-May-08
logo
Seme LAB
BYV32-150-XM SEME-LAB-BYV32-150-XM Datasheet
17Kb / 2P
HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI.REL APPLICATIONS
More results

Similar Description - BYV32-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYT79-600 NXP-BYT79-600 Datasheet
68Kb / 9P
Rectifier diode ultrafast
Rev. 01 - 16 October 2007
BYT79X-600 NXP-BYT79X-600 Datasheet
78Kb / 9P
Rectifier diode ultrafast
Rev. 01-29 October 2007
BYV25D-600 NXP-BYV25D-600 Datasheet
73Kb / 9P
Rectifier diode, ultrafast
Rev. 01-29 July 2008
BYV25X-600 NXP-BYV25X-600 Datasheet
79Kb / 9P
Rectifier diode, ultrafast
Rev. 01-12 August 2008
BYV29G-600 NXP-BYV29G-600 Datasheet
167Kb / 11P
Ultrafast rectifier diode
Rev. 01-4 February 2010
BYT79-600 PHILIPS-BYT79-600_15 Datasheet
183Kb / 10P
Rectifier diode ultrafast
27 May 2015
BYT79X-600 PHILIPS-BYT79X-600_15 Datasheet
187Kb / 10P
Rectifier diode ultrafast
27 May 2015
BYV25D-600 PHILIPS-BYV25D-600_15 Datasheet
73Kb / 9P
Rectifier diode, ultrafast
Rev. 01-29 July 2008
logo
WeEn Semiconductors
BYT79X-600 WEEN-BYT79X-600 Datasheet
357Kb / 10P
Rectifier diode ultrafast
BYV25X-600 WEEN-BYV25X-600 Datasheet
357Kb / 11P
Rectifier diode, ultrafast
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com