Electronic Components Datasheet Search
  English  ▼

X  

BNS040P Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BNS040P
Description  Mechanical Cam Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BNS040P Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BNS040P Datasheet HTML 1Page - Balluff Korea Ltd. BNS040P Datasheet HTML 2Page - Balluff Korea Ltd. BNS040P Datasheet HTML 3Page - Balluff Korea Ltd. BNS040P Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mechanical Cam Switches
BNS 819-B03-R12-61-12-10-S4R-I
Order Code: BNS040P
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-02
Subject to change without notice: 230313
ETIM 6.0: EC001829
BNS040P_1.37_2024-05-30
1 / 4
1) Reference edge
Basic features
Approval/Conformity
CE
UKCA
WEEE
Basic standard
IEC 60947-5-1
Operating principle
1-3. Switch position: Mechanical
Version
Snap contact
Display/Operation
Function indicator
1-3. Switch position: None
Electrical connection
Connection
M12x1-Flange male, 4-pin, A-
coded
Connection type
1. Switch position: Connector
Electrical data
Rated operating voltage Ue DC
24 V
Switching function mechanical
Double-interrupting
galvanically isolated
One NO and one NC
Dual changeover
Switching rate
1-3. Switch position: 300/min
Environmental conditions
Ambient temperature
-5...85 °C
IP rating
IP67
Functional safety
B10d (EN ISO 13849-1)
BSE 30.0: 30 mil. switching cycles
Interface
Cycle time min.
3 ms
Frame type
2.1
Interface
IO-Link 1.1
Process data cycle min.
3 ms
Material
Housing material
Aluminium, Anodized
Housing material, surface protection
Anodized
Material contacts
1-3. Switch position: Silver, gold
plated
Plunger material
1-3. Switch position: 1.4034
stainless steel


Similar Part No. - BNS040P

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS040A BALLUFF-BNS040A Datasheet
95Kb / 2P
Mechanical Cam Switches
2024-08-30
BNS040E BALLUFF-BNS040E Datasheet
279Kb / 4P
Mechanical Cam Switches
2024-08-26
BNS040W BALLUFF-BNS040W Datasheet
103Kb / 2P
Mechanical Cam Switches
2022-07-08
More results

Similar Description - BNS040P

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BNS000A BALLUFF-BNS000A Datasheet
105Kb / 2P
Mechanical Cam Switches
0.116_2022-06-11
BNS000C BALLUFF-BNS000C Datasheet
125Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS004Y BALLUFF-BNS004Y Datasheet
103Kb / 2P
Mechanical Cam Switches
0.114_2022-06-11
BNS04LT BALLUFF-BNS04LT Datasheet
121Kb / 2P
Mechanical Cam Switches
2_2022-05-17
BNS04WR BALLUFF-BNS04WR Datasheet
233Kb / 2P
Mechanical Cam Switches
1.2_2022-05-1
BNS0019 BALLUFF-BNS0019 Datasheet
111Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS009J BALLUFF-BNS009J Datasheet
119Kb / 2P
Mechanical Cam Switches
4_2022-05-17
BNS009M BALLUFF-BNS009M Datasheet
129Kb / 2P
Mechanical Cam Switches
1.2_2022-05-17
BNS0469 BALLUFF-BNS0469 Datasheet
111Kb / 2P
Mechanical Cam Switches
2.2_2022-05-17
BNS0482 BALLUFF-BNS0482 Datasheet
117Kb / 2P
Mechanical Cam Switches
1_2022-05-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com