Electronic Components Datasheet Search
  English  ▼

X  

7130 Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # 7130
Description  The Arista 7130 combines ultra-low latency Layer 1 switching with programmable FPGA technology.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7130 Datasheet(HTML) 2 Page - Arista Networks, Inc

  7130 Datasheet HTML 1Page - Arista Networks, Inc 7130 Datasheet HTML 2Page - Arista Networks, Inc 7130 Datasheet HTML 3Page - Arista Networks, Inc 7130 Datasheet HTML 4Page - Arista Networks, Inc 7130 Datasheet HTML 5Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
arista.com
Technical Specifications
7130 Connect Series
7130-16
7130-48
7130-96
Description
16 port Layer-1 Switch
48 port Layer-1 Switch
96 port Layer-1 Switch
SFP+ Interfaces (100M-11.3Gbps)
16
48
96
Port-to-Port Latency
4 ns
4 ns
6 ns
RU
1
1
2
Airflow
Front-Rear or Rear-Front
Front-Rear or Rear-Front
Front-Rear or Rear-Front
Power Supplies
Redundant AC or DC
Redundant AC or DC
Redundant AC or DC
Layer 1 network switches
7130E Series Devices
Model
FPGA
FPGA
Quantity
SFP+
Ports
FPGA
Ports
RU
ePCIE
PPS In/
Outs
SSD Drive
Bays
48EH
Xilinx Virtex® UltraScale+™ VU9P
3
48
56 central/
14 leaf
1
x
FPGA-enabled network switches
7130L Series Devices
Model
FPGA
FPGA
Quantity
SFP+
Ports
FPGA
Ports
Off-Chip RAM
RU
ePCIE
PPS In/
Outs
Clock
SSD
Bay
Internal
10G Ports
48L
Xilinx Virtex®
UltraScale ™ VU7P
1
48
60
4 x 8GB DDR4
2400 ECC
1
x
OCXO
x
96L
Xilinx Virtex®
UltraScale ™ VU7P
1
96
58
4 x 8GB DDR4
2400 ECC
2
x
OCXO
x
32LB
Xilinx Virtex®
UltraScale ™ VU9P
1
32
60
4 x 8GB DDR4
2400 ECC
1
x
x
OCXO
x
x
48LB
Xilinx Virtex®
UltraScale ™ VU9P
1
48
60
4 x 8GB DDR4
2400 ECC
1
x
OCXO
x
96LB
Xilinx Virtex®
UltraScale ™ VU9P
1
96
58
4 x 8GB DDR4
2400 ECC
2
x
OCXO
x
48LA
Xilinx Virtex®
UltraScale ™ VU7P
1
48
60
4 x 8GB DDR4
2400 ECC
1
x
Atomic
x
96LA
Xilinx Virtex®
UltraScale ™ VU7P
1
96
58
4 x 8GB DDR4
2400 ECC
2
x
Atomic
x
32LBA
Xilinx Virtex®
UltraScale ™ VU9P
1
32
60
4 x 8GB DDR4
2400 ECC
1
x
x
Atomic
x
x
48LBA
Xilinx Virtex®
UltraScale ™ VU9P
1
48
60
4 x 8GB DDR4
2400 ECC
1
x
Atomic
x
96LBA
Xilinx Virtex®
UltraScale ™ VU9P
1
96
58
4 x 8GB DDR4
2400 ECC
2
x
Atomic
x



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com