Electronic Components Datasheet Search
  English  ▼

X  

FAN-7130-2U-R Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # FAN-7130-2U-R
Description  7130S Connect Series Layer 1 Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

FAN-7130-2U-R Datasheet(HTML) 3 Page - Arista Networks, Inc

  FAN-7130-2U-R Datasheet HTML 1Page - Arista Networks, Inc FAN-7130-2U-R Datasheet HTML 2Page - Arista Networks, Inc FAN-7130-2U-R Datasheet HTML 3Page - Arista Networks, Inc FAN-7130-2U-R Datasheet HTML 4Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7130S Connect Series | Physical Characteristics
Environmental Characteristics
Operating Temperature 1
0 to 40˚C (32 to 104˚F)
Relative Humidity
10% to 85% non-condensing
Maximum Altitude
2,000m (6,500ft)
Supported Optics and Cables
Interface Type
SFP+ ports
1000BASE-T
RJ45
1000BASE-LX
Up to 10km
1000BASE-SX
Up to 550m
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-SRL
100m
10GBASE-SR
300m
10GBASE-LRL
1km
10GBASE-LR
10km
10GBASE-ER
40km
10GBASE-DWDM
80km
40GBASE-CR4
QSFP+ / SFP+
Power Supply Specifications
Power Supply
PWR-500AC
PWR-500DC
PWR-747AC
PWR-1900DC
Input Voltage
100-240V AC
-48 to -60 VDC
100-240V AC
40-72DC
Typical Input Current
6.5 -3.2A
11.8A Max (-48V)
10.0 - 5.0A
44A Max (-48V)
Input Frequency
50/60Hz
DC
50/60Hz
DC
Input Connector
IEC 320-C13
AWG #14 Max
IEC 320-C13
AWG #6 Max
Efficiency (Typical)
93% Platinum
90%
93% Platinum
90%
Compatibility
7130-16G3S, 7130-48G3S
7130-96S
Standards Compliance
EMC
FCC Class A, ICES-003, EN 55032, EN IEC
61000-3-2:2019, EN 61000-3-3
Immunity
EN 55035
EN 300 386
Safety
EN 62368-1:2014 + A11:2017
IEC-62368-1:2014
Certifications
BSMI (Taiwan)
CE (European Union)
KCC (South Korea)
NRTL (North America)
RCM (Australia/New Zealand)
UKCA (United Kingdom)
VCCI (Japan)
European Union
Directives
2014/53/EU Radio Equipment Directive
2014/35/EU Low Voltage Directive
2014/30/EU EMC Directive
2012/19/EU WEEE Directive
2011/65/EU RoHS Directive
2015/863/EU Commission Delegated Directive
Further
Information
Product Certification Portal



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com