Electronic Components Datasheet Search
  English  ▼

X  

015 Datasheet(PDF) 2 Page - France Joint

Part # 015
Description  STATIC SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

015 Datasheet(HTML) 2 Page - France Joint

  015 Datasheet HTML 1Page - France Joint 015 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ØD1
120°+5°
Ød1
H1 H2
|
DIMENSIONS
Part number
Series
Threading
(metric)
Threading
(inch)
Seal dimensions
ØDN
Inside
diameter
Ød1
Outside
diameter
ØD1
Seal height
H1
Seal height
H2
015.084119
10
M 10 x 1
G 1/8 A
8.40
11.90
1.00
0.50
015.098144
21
M 12 x 1.5
---
9.80
14.40
1.50
0.70
015.116165
14
M 14 x 1.5
G 1/4 A
11.60
16.50
1.50
0.70
015.138189
16
M 16 x 1.5
---
13.80
18.90
1.50
0.70
015.147189
17
---
G 3/8 A
14.70
18.90
1.50
0.70
015.157209
18
M 18 x 1.5
---
15.70
20.90
1.50
0.70
015.178229
20
M 20 x 1.5
---
17.80
22.90
1.50
0.70
015.185239
21
---
G 1/2 A
18.50
23.90
1.50
0.70
015.196243
22
M 22 x 1.5
---
19.60
24.30
1.50
0.70
015.239292
27
M 27 x 2
G 3/4 A
23.90
29.20
1.50
0.70
015.297357
33
M 33 x 2
G 1 A
29.70
35.70
2.00
1.00
015.388458
42
M 42 x 2
G 1 1/4 A
38.80
45.80
2.00
1.00
015.447507
48
M 48 x 2
G 1 1/2 A
44.70
50.70
2.00
1.00
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
STATIC SEALS | |
BECA 015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com