Electronic Components Datasheet Search
  English  ▼

X  

033 Datasheet(PDF) 1 Page - France Joint

Part # 033
Description  SANITARY SEALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

033 Datasheet(HTML) 1 Page - France Joint

  033 Datasheet HTML 1Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The BECA 033 profile is a SMS
seal used for fittings, in line
with standard DIN 1149.
MATERIALS
CR
Peroxyde EPDM
FKM
NBR  
Virgin PTFE
VMQ
SANITARY SEALS
BECA 033
ØD1
Ød1
H1
|
DIMENSIONS
Part number
Nominal diameter
ØDN
Inside diameter
Ød1
Outside diameter
ØD1
Seal height
H1
033.02500
25
22.60
31.60
5.40
033.03800
38
35.50
47.50
5.60
033.05100
51
48.60
60.60
5.60
033.06300
63
60.60
73.00
5.60
033.07600
76
73.10
85.50
5.60
033.10800
104
99.80
115.00
5.60
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
SANITARY SEALS | |
BECA 033


Similar Part No. - 033

ManufacturerPart #DatasheetDescription
logo
Pro-Power
033 PROPOWER-033 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
logo
WAGO Kontakttechnik Gmb...
033-000 WAGO-033-000 Datasheet
151Kb / 5P
Female plug 5 pole pin spacing 3.5 mm / 0.138 in 100% protected against mismating with codig fingers
17.02.2012
logo
Magnetrol International...
033-4740-001 MAGNETROL-033-4740-001 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
033-4741-002 MAGNETROL-033-4741-002 Datasheet
152Kb / 4P
Tuffy Liquid Level Controls with Pneumatic Switch
logo
Schurter Inc.
033.4214 SCHURTER-033.4214 Datasheet
171Kb / 3P
VOLTAGE SELECTOR SWITCHES / SPANNUNGSWAHLER
More results

Similar Description - 033

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
Han-INOX 10B-HBM-SL FKM seals
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com