Electronic Components Datasheet Search
  English  ▼

X  

040 Datasheet(PDF) 1 Page - France Joint

Part # 040
Description  STATIC SEALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

040 Datasheet(HTML) 1 Page - France Joint

  040 Datasheet HTML 1Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STATIC SEALS
BECA 040
DESCRIPTION
The BECA 040 profile is a polyurethane
static seal for rod (inside) sealing.
ADVANTAGES
High reliability
Interchangeable for o-ring and
o-ring with back-up ring
Easy and secure installation
No need for additional back-up ring
High wear resistant
APPLICATIONS
Mobile machinery
Injection presses
Presses
Standard cylinders
MATERIALS
PU 93 Shore A - Blue
PU 96 Shore A - Blue
High temp. PU 96 Shore A - Beige
Other quality materials are available,
please contact our experts.
|
TECHNICAL DATA
Temperature
-30°C / +110°C depending on the material selected
Pressure
50 MPa
Fluids in contact
Mineral hydraulic oils
The figures above indicate the maximum value and may not be cumulated. They may be
developed, depending on the materials used.
|
CHAMFERS AND RADIUS
Radial section
S
Chamfer
C
Radius
R1
Radius
R2
S ≤ 2,30
2,50
≤ 0,40
≤ 0,20
2,30 < S ≤ 3,00
3,00
≤ 0,40
≤ 0,20
3,00 < S ≤ 4,00
3,50
≤ 0,40
≤ 0,20
4,00 < S ≤ 4,50
4,00
≤ 0,40
≤ 0,20
4,50 < S ≤ 5,00
4,50
≤ 0,40
≤ 0,20
5,00 < S ≤ 6,00
5,00
≤ 0,40
≤ 0,20
6,00 < S ≤ 8,00
6,00
≤ 0,40
≤ 0,20
H1
L1 0/+0,20
20°
20°
C
C
R1
R2
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
STATIC SEALS |
BECA 040


Similar Part No. - 040

ManufacturerPart #DatasheetDescription
logo
ITT Industries
040-0054-000 ITT-040-0054-000 Datasheet
93Kb / 1P
CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
040-0055-000 ITT-040-0055-000 Datasheet
93Kb / 1P
CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
040-0057-000 ITT-040-0057-000 Datasheet
93Kb / 1P
CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
040-0059-000 ITT-040-0059-000 Datasheet
93Kb / 1P
CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
040-0060-000 ITT-040-0060-000 Datasheet
93Kb / 1P
CUSTOMER DRAWINGS CUPPTTING KPTO8PIO-24
More results

Similar Description - 040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
Han-INOX 10B-HBM-SL FKM seals
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com