Electronic Components Datasheet Search
  English  ▼

X  

SR303 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR303
Description  3.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR303 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR303 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR303 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-99-
RATINGS AND CHARACTERISTIC CURVES (SR302 THUR SR310)
FIG.5- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
26
8
4
10
20
100
40
60 80
0
60
30
90
120
150
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.2- TYPICAL FORWARD CHARACTERISTICS
.2
.3
.4
.5
.6
.7
.8
.9
1.0
0.1
1.0
10
50
FORWARD VOLTAGE. (V)
SR302-SR304
SR305-SR306
FIG.4- TYPICAL JUNCTION CAPACITANCE
.1
.4
.2
1.0
4
2
10
20
40
100
10
20
40
60
100
80
200
400
600
1000
REVERSE VOLTAGE. (V)
SR302-304
SR305-306
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
25
50
75
100
125
150
175
0
1
2
3
4
LEAD TEMPERATURE. ( C)
o
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
SR305-310
SR302-304
Tj=75 C
0
Tj=25oC
Pulse Width=300 s
1% Duty Cycle
SR309-SR310
SR309-310
SR309-SR310
SR302-SR306



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com