Electronic Components Datasheet Search
  English  ▼

X  

034.03220 Datasheet(PDF) 1 Page - France Joint

Part # 034.03220
Description  SANITARY SEALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

034.03220 Datasheet(HTML) 1 Page - France Joint

  034.03220 Datasheet HTML 1Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The BECA 034 profile is a
CLAMP seal without an external
lip, in line with standards ISO
2852 and DIN 32676.
MATERIALS
CR
Peroxyde EPDM
FKM
NBR  
Virgin PTFE
VMQ
SANITARY SEALS
BECA 034
H1
H1
|
DIMENSIONS
Part number
ISO 2852
DIN 32676
Nominal
diameter ØDN
mm
Nominal
diameter ØDN
Inch
Inside
diameter Ød1
Inside
diameter Ød2
Outside
diameter ØD1
Seal height
H1
034.01200
x
-
12.00
-
10.20
27.50
34.00
5.50
034.01270
x
-
12.70
-
10.90
27.50
34.00
5.50
034.01720
x
-
17.20
-
15.40
27.50
34.00
5.50
034.02130
x
-
21.30
-
19.50
27.50
34.00
5.50
034.02500
x
-
25.00
1"
22.80
43.50
50.50
5.50
034.03370
x
-
33.70
-
31.50
43.50
50.50
5.50
034.03800
x
-
38.00
1 1/2"
35.80
43.50
50.50
5.50
034.04000
x
-
40.00
-
37.80
56.50
64.00
5.50
034.05100
x
-
51.00
2"
48.80
56.50
64.00
5.50
034.06350
x
-
63.50
2 1/2"
60.50
70.50
77.50
5.50
034.07000
x
-
70.00
-
67.00
83.50
91.00
5.50
034.07610
x
-
76.10
3"
73.10
83.50
91.00
5.50
034.08890
x
-
88.90
-
85.10
97.00
106.00
5.50
034.10160
x
-
101.60
4"
97.80
110.00
119.00
5.50
034.11430
x
-
114.30
-
110.50
122.00
130.00
5.50
034.13970
x
-
139.70
-
135.90
146.00
155.00
5.50
034.16830
x
-
168.30
-
163.30
174.00
183.00
5.50
034.21910
x
-
219.10
-
214.10
225.00
233.50
5.50
034.01020
-
x
10.00
-
10.20
27.50
34.00
5.50
034.01620
-
x
15.00
-
16.20
27.50
34.00
5.50
034.02020
-
x
20.00
-
20.20
27.50
34.00
5.50
034.02620
-
x
25.00
-
26.20
43.50
50.50
5.50
034.03220
-
x
32.00
-
32.20
43.50
50.50
5.50
034.03820
-
x
40.00
-
38.20
43.50
50.50
5.50
034.05020
-
x
50.00
-
50.20
56.50
64.00
5.50
034.06620
-
x
65.00
-
66.20
83.50
91.00
5.50
034.08120
-
x
80.00
-
81.20
97.00
106.00
5.50
034.10020
-
x
100.00
-
100.20
110.00
119.00
5.50
034.11520
-
x
115.00
-
115.20
121.00
130.00
5.50
034.12520
-
x
125.00
-
125.20
146.00
155.00
5.50
034.15020
-
x
150.00
-
150.20
174.00
183.00
5.50
034.20020
-
x
200.00
-
200.20
225.00
233.50
5.50
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
FRANCE JOINT SAS Zone Artisanale Le Mortier - B.P. 50009 - Cugand - 85613 Montaigu Cedex - France
Ph.
+33 (0)2 51 42 13 76 - Fax +33 (0)2 51 43 61 14 - Email: contact@francejoint.fr - Website: www.francejoint.com
SANITARY SEALS | |
BECA 034


Similar Part No. - 034.03220

ManufacturerPart #DatasheetDescription
logo
Pro-Power
034 PROPOWER-034 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
logo
Amphenol Corporation
034-1021 AMPHENOL-034-1021 Datasheet
313Kb / 3P
HD-BNC STR JACK PCB THROUGH HOLE 3 LEGS RECEPTACLE
034-1028 AMPHENOL-034-1028 Datasheet
99Kb / 1P
HD BNC STR JACK BHD PCB THRU HOLE RECEPTACLE
034-1037 AMPHENOL-034-1037 Datasheet
150Kb / 1P
HD-BNC STR PLUG FOR BI855 ENH/DRAKA 0.6 / 2.8 AF
034-1037-100 AMPHENOL-034-1037-100 Datasheet
236Kb / 1P
HD-BNC STR PLUG FOR BI855 ENH/IMAGE 360
More results

Similar Description - 034.03220

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Gray
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
Single Wire Seals for CP 2.80 Terminals, Blue
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
Han-INOX 10B-HBM-SL FKM seals
logo
Molex Electronics Ltd.
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com