Electronic Components Datasheet Search
  English  ▼

X  

SR205 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR205
Description  2.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR205 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR205 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR205 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 82 -
Version: B07
SR202 - SR215
2.0 AMPS. Schottky Barrier Rectifiers
DO-15
Features
Low power loss, high efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
For use in low voltage, high frequency
inventor, free wheeling, and polarity
protection application
Mechanical Data
Cases: DO-15 molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free., solderable
per MIL-STD-202, Method 208
guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed:
260oC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
Weight: 0.4 gram
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol SR
202
SR
203
SR
204
SR
205
SR
206
SR
209
SR
210
SR
215
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
90
100 150
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
63
70
105
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
90
100 150
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage@2.0
A
VF
0.55
0.70
0.85
0.95
V
0.5
Maximum D.C. Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
10
5.0
0.1
2.0
mA
mA
Typical Junction Capacitance (Note 2)
Cj
120
85
65
pF
Typical Thermal Resistance (Note 1)
RθJA
75
o
C/W
Operating Junction Temperature Range
TJ
-65 to +150
o
C
Storage Temperature Range
T
STG
-65 to +150
o
C
Notes: 1. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.
2. Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.


Similar Part No. - SR205

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR205 MOSPEC-SR205 Datasheet
222Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Taiwan Semiconductor Co...
SR205 TSC-SR205 Datasheet
63Kb / 2P
2.0 AMPS. Schottky Barrier Rectifiers
logo
DAESAN ELECTRONIC CORP.
SR205 DAESAN-SR205 Datasheet
349Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
MIC GROUP RECTIFIERS
SR205 MIC-SR205 Datasheet
50Kb / 2P
SCHOTTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SR205 TSC-SR205 Datasheet
558Kb / 2P
2.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR205

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR202 JGD-SR202 Datasheet
121Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
SR220 JGD-SR220 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK22A TSC-SK22A Datasheet
49Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SK22A TSC-SK22A_1 Datasheet
172Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
SR202 TSC-SR202 Datasheet
63Kb / 2P
2.0 AMPS. Schottky Barrier Rectifiers
SS22L TSC-SS22L_1 Datasheet
208Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR220 YANGJIE-SR220 Datasheet
668Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR202 TSC-SR202_10 Datasheet
558Kb / 2P
2.0 AMPS. Schottky Barrier Rectifiers
SS22 TSC-SS22_10 Datasheet
567Kb / 2P
2.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com