Electronic Components Datasheet Search
  English  ▼

X  

CIF06 Datasheet(PDF) 4 Page - Rakon Limited

Part # CIF06
Description  Digital pulse compression module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

CIF06 Datasheet(HTML) 4 Page - Rakon Limited

  CIF06 Datasheet HTML 1Page - Rakon Limited CIF06 Datasheet HTML 2Page - Rakon Limited CIF06 Datasheet HTML 3Page - Rakon Limited CIF06 Datasheet HTML 4Page - Rakon Limited CIF06 Datasheet HTML 5Page - Rakon Limited CIF06 Datasheet HTML 6Page - Rakon Limited CIF06 Datasheet HTML 7Page - Rakon Limited CIF06 Datasheet HTML 8Page - Rakon Limited CIF06 Datasheet HTML 9Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Digital pulse compression module
CI F06 Expander and Compressor
Oct 16
th, 2015
CI F06 Expander and Compressor Revision B3
4 / 9
www.rakon.com
Specifications
1
Environmental conditions
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Procedures and conditions refer to MIL-STD-810G
1.1
Temperature operating
-25
+60
°C
1.2
Temperature storage
-40
+85
°C
1.3
Humidity operating
@ 30 °C, (non condensing)
95
% RH
1.4
Shock
11 ms, 3 axes, 2 dir, half sine
pulse
30
g
1.5
Random Vibration
20 to 500 Hz, 3 axes
0.1
g
2/Hz
1.6
EMI - EMC
In accordance with MIL-STD 461 E
2
Electrical Interface
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Power supply
2.1
Voltage
11
26
V
2.2
Current
@ Power supply = 15 V
600
(1)
mA
Clock Input
Refers to Clock
2.3
Input level
-10
0
10
dBm
2.4
Frequency
0
250
MHz
2.5
Phase noise @ 1 kHz
For a 20 MHz clock input
-130
dBc/Hz
2.6
VSWR
1.5:1
RF Input signal
Refers to In_C
2.7
Maximum input level
10
dBm
2.8
Input noise floor
Inside chirp bandwidth
-130
dBm/Hz
2.9
VSWR
1.3:1
1 Current highly depends on waveform characteristics (B, T, …)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com