Electronic Components Datasheet Search
  English  ▼

X  

CIF07 Datasheet(PDF) 2 Page - Rakon Limited

Part # CIF07
Description  Digital pulse compression module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

CIF07 Datasheet(HTML) 2 Page - Rakon Limited

  CIF07 Datasheet HTML 1Page - Rakon Limited CIF07 Datasheet HTML 2Page - Rakon Limited CIF07 Datasheet HTML 3Page - Rakon Limited CIF07 Datasheet HTML 4Page - Rakon Limited CIF07 Datasheet HTML 5Page - Rakon Limited CIF07 Datasheet HTML 6Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Digital pulse compression module
CI F07 Dual Expander
October 15
th, 2015
CI F07 Dual Expander Revision A1
2 / 6
www.rakon.com
Technical description
CI F07 functional block diagram is featured on Fig. 1.
Fig. 1 : CI F07 functional block diagram
Unit description.
The internal low noise system clock is locked on an external clock (derived from the RADAR system clock). For
proper operation, the clock should be a good quality clock, with a low phase noise close to the carrier.
CI F07 unit is provided with FPGA firmware loaded. Functions, and channels specifications (time dispersion,
bandwidth…) should be provided by customer; Rakon will customize the FPGA program to fulfill customer
requirements.
CI F07 unit continuously monitors internal power supply and FPGA program integrity. If voltage exceeds nominal
levels, or if FPGA program is corrupted, UNIT_OK_OUT output is deasserted, and LED is turned off. The
UNIT_OK_OUT output indicates the GO-NOGO state of the compressor.
Pulse expander channel description.
After each Trigger pulse, a chirp defined by the samples set selected by WFMSELx_IN is generated, and
presented to the DAC input to be translated into an analog signal. Trigger input have to be synchronized with
Clock input.
For better compatibility with old SAW based subsystems, an adjustable additional delay may be inserted.
Expander waveform is selected among 2 possible waveforms, using WFMSELx_IN input, as presented in Table 1.
Each time WFMSELx_IN signal changes, the new set of waveform samples will be active for the next trigger pulse.
Table 1 : Expander Waveform Selection
WFMSELx
Expander Waveform
0
Waveform 0 (TBD)
1
Waveform 1 (TBD)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com