Electronic Components Datasheet Search
  English  ▼

X  

SR520 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # SR520
Description  5.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR520 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SR520 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR520 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 103 -
RATINGS AND CHARACTERISTIC CURVES (SR502 THRU SR520)
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
50
100
150
250
200
300
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.4- TYPICAL FORWARD CHARACTERISTICS
.2
.3
.4
.5
.6
.7
.8
.9
0.1
1.0
10
40
FORWARD VOLTAGE. VOLTS
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
SR505-SR506
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
20
40
60
80
100
120
150
0
1
2
3
4
5
LEAD TEMPERATURE. ( C)
o
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OF
INDUCTIVE LOAD
0.375"(9.5mm) LEAD LENGTH
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
.001
.01
.10
1.0
10
20
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=125 C
0
Tj=25 C
0
SR505-10
SR502-4
Tj=75 C
0
FIG.5- TYPICAL JUNCTION CAPACITANCE
.1
.4
1.0
4
10
40
80 100
10
20
40
60
100
80
300
700
REVERSE VOLTAGE. (V)
SR502-SR504
Tj=25 C
0
SR502-SR510
SR520
SR520
SR509-SR520
SR520
SR509-SR510
500
SR505-SR506



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com