Electronic Components Datasheet Search
  English  ▼

X  

75150 Datasheet(PDF) 4 Page - SYC Electronica

Part # 75150
Description  DUAL LINE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

75150 Datasheet(HTML) 4 Page - SYC Electronica

  75150 Datasheet HTML 1Page - SYC Electronica 75150 Datasheet HTML 2Page - SYC Electronica 75150 Datasheet HTML 3Page - SYC Electronica 75150 Datasheet HTML 4Page - SYC Electronica 75150 Datasheet HTML 5Page - SYC Electronica 75150 Datasheet HTML 6Page - SYC Electronica 75150 Datasheet HTML 7Page - SYC Electronica 75150 Datasheet HTML 8Page - SYC Electronica 75150 Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN75150
DUAL LINE DRIVER
SLLS081C – JANUARY 1971 – REVISED JUNE 1999
4
electrical characteristics over recommended operating free-air temperature range, VCC± = ±13.2 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VCC + = 10.8 V,
VIL = 0.8 V,
VCC – = – 10.8 V,
RL = 3 kΩ to 7 kΩ
5
8
V
VOL
Low-level output voltage (see Note 4)
VCC + = 10.8 V,
VIH = 2 V,
VCC – = – 10.8 V,
RL = 3 kΩ to 7 kΩ
–8
–5
V
IIH
High level input current
Data input
VI =2 4V
1
10
µA
IIH
High-level input current
Strobe input
VI = 2.4 V
2
20
µA
IIL
Low level input current
Data input
VI =0 4V
–1
– 1.6
mA
IIL
Low-level input current
Strobe input
VI = 0.4 V
–2
– 3.2
mA
‡
VO = 25 V
2
8
IOS
Short circuit output current‡
VO = – 25 V
–3
–8
mA
IOS
Short-circuit output current‡
VO = 0,
VI = 3 V
10
15
30
mA
VO = 0,
VI = 0
–10
–15
–30
ICCH +
Supply current from VCC +, high-level output
VI = 0, RL = 3 kΩ,
10
22
mA
ICCH –
Supply current from VCC –, high-level output
I
,
L
,
TA = 25°C
–1
–10
mA
ICCL +
Supply current from VCC +, low-level output
VI = 3 V,
RL = 3 kΩ,
8
17
mA
ICCL –
Supply current from VCC –, low-level output
IL
TA = 25°C
–9
–20
mA
† All typical values are at VCC+ = 12 V, VCC– = –12 V, TA = 25°C.
‡ Not more than one output should be shorted at a time.
NOTE 4: The algebraic convention, in which the less positive (more negative) limit is designated as minimum, is used in this data sheet for logic
levels only, e.g., when – 5 V is the maximum, the typical value is a more negative voltage.
switching characteristics, VCC+ = 12 V, VCC– = –12 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tTLH
Transition time, low-to-high-level output
CL = 2500 pFRL =3kΩ to 7kΩ
0.2
1.4
2
µs
tTHL
Transition time, high-to-low-level output
CL = 2500 pF,
RL = 3 kΩ to 7 kΩ
0.2
1.5
2
µs
tTLH
Transition time, low-to-high-level output
CL =15 pFRL =7kΩ
40
ns
tTHL
Transition time, high-to-low-level output
CL = 15 pF,
RL = 7 kΩ
20
ns
tPLH
Propagation delay time, low-to-high-level output
CL =15 pFRL =7kΩ
60
ns
tPHL
Propagation delay time, high-to-low-level output
CL = 15 pF,
RL = 7 kΩ
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com