Electronic Components Datasheet Search
  English  ▼

X  

CD54AC05 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC05
Description  CDx4AC05 Hex Inverters With Open-Drain Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC05 Datasheet(HTML) 2 Page - Texas Instruments

  CD54AC05 Datasheet HTML 1Page - Texas Instruments CD54AC05 Datasheet HTML 2Page - Texas Instruments CD54AC05 Datasheet HTML 3Page - Texas Instruments CD54AC05 Datasheet HTML 4Page - Texas Instruments CD54AC05 Datasheet HTML 5Page - Texas Instruments CD54AC05 Datasheet HTML 6Page - Texas Instruments CD54AC05 Datasheet HTML 7Page - Texas Instruments CD54AC05 Datasheet HTML 8Page - Texas Instruments CD54AC05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Pin Configuration and Functions...................................3
4 Specifications.................................................................. 4
4.1 Absolute Maximum Ratings ....................................... 4
4.2 ESD Ratings............................................................... 4
4.3 Recommended Operating Conditions.........................4
4.4 Thermal Information....................................................4
4.5 Electrical Characteristics.............................................5
4.6 Switching Characteristics, VCC = 1.5 V....................... 5
4.7 Switching Characteristics, VCC = 3.3 V ± 0.3 V...........5
4.8 Switching Characteristics, VCC = 5 V ± 0.5 V..............5
4.9 Operating Characteristics........................................... 6
5 Parameter Measurement Information............................ 7
6 Detailed Description........................................................8
6.1 Functional Block Diagram........................................... 8
6.2 Device Functional Modes............................................8
7 Application and Implementation.................................... 9
7.1 Power Supply Recommendations...............................9
7.2 Layout......................................................................... 9
8 Device and Documentation Support............................10
8.1 Documentation Support (Analog)..............................10
8.2 Receiving Notification of Documentation Updates....10
8.3 Support Resources................................................... 10
8.4 Trademarks...............................................................10
8.5 Electrostatic Discharge Caution................................10
8.6 Glossary....................................................................10
9 Revision History............................................................ 10
10 Mechanical, Packaging, and Orderable
Information.................................................................... 11
CD54AC05, CD74AC05
SCHS306E – JANUARY 2001 – REVISED NOVEMBER 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC05 CD74AC05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com