Electronic Components Datasheet Search
  English  ▼

X  

720XP-96ZC2 Datasheet(PDF) 6 Page - Arista Networks, Inc

Part # 720XP-96ZC2
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-96ZC2 Datasheet(HTML) 6 Page - Arista Networks, Inc

Back Button 720XP-96ZC2 Datasheet HTML 2Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 3Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 4Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 5Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 6Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 7Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 8Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 9Page - Arista Networks, Inc 720XP-96ZC2 Datasheet HTML 10Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
720XP Campus PoE | Platform Features
1 Typical 20% traffic @24C max:100% @46C
Specifications (1G Platforms)
Feature/Model
720XP-48Y6
720XP-24Y6
Ports
48 RJ45
6 25G SFP
24 RJ45
6 25G SFP
10M-1G UTP (30W 802.3af/at)
48
24
100M-2.5G UTP (30W 802.3af/at)
N/A
N/A
100M-2.5G UTP (60W 802.3bt)
0
0
100M-5G UTP (60W 802.3bt)
N/A
N/A
25G SFP
6
6
100G QSFP
N/A
N/A
Throughput (FDX)
198 (396)Gbps
174 (348)Gbps
Packets/Second
294 Mpps
259 Mpps
Latency (RJ-45)
1.2 microseconds
CPU
Dual Core-x86
System Memory
4 GB
System Flash
8 GB
Packet Buffer
8 MB
8 MB
USB Ports
1
Console Ports
1
100M/1G Management port
1
Airflow
Front-Rear
Rear-Front
Front-Rear
Rear-Front
Power Typical/Max1
(excluding PoE)
68 W / 93 W
67 W / 90 W
Size (WxHxD)
17.3 x 1.75 x 12.5 inches
(44.0 x 4.4 x 31.75 cm)
Weight
15.3 lbs (6.9 kg)
13.3 lbs (6 kg)
Fans: 3 (N+1 redundant)
FAN-7000-F/R
FAN-7000-F/R
Maximum Power Supply
2
2
Power Supply
PWR-621-AC
PWR-1021-AC
PWR-521-DC
PWR-721-DC
PWR-621-AC
PWR-1021-AC
PWR-521-DC
PWR-721-DC
EOS License Group (LIC-FIX)
G3
G2
CloudVision License Group
G3
G2
Minimum EOS
4.22 (FX)
4.22 (FX)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com