Electronic Components Datasheet Search
  English  ▼

X  

720XP-48ZC2 Datasheet(PDF) 2 Page - Arista Networks, Inc

Part # 720XP-48ZC2
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-48ZC2 Datasheet(HTML) 2 Page - Arista Networks, Inc

  720XP-48ZC2 Datasheet HTML 1Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 2Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 3Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 4Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 5Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 6Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 7Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 8Page - Arista Networks, Inc 720XP-48ZC2 Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
720XP Campus PoE | Model Overview
Driving the campus CMP (Cloud Management Plane) in the
CCS-720XP is the FlowTracker hardware telemetry feature (IPFIX),
native in the CCS-720XP series non-blocking switching processor.
FlowTracker delivers real time updates for all device state,
performance statistics, and application flows, without burdening other
system functions.  Over a thousand unique flows can be concurrently
tracked per switch, with hardware support to scale to 32K flows.
Device fingerprinting features are also supported, allowing the 720XP
to identify connected device type, operating system and user id,
helping facilitate security audits and workgroup/workload
With the rich telemetry of the CCS-720XP, Arista’s CloudVision tracks
application, user and device activity, measuring throughput and
Customizable Topologies for Optimized Performance
As with all Arista devices, the CCS-720XP switches support open, standards based, L2
MLAG and L3 ECMP load balancing features. Administrators can employ either
scheme to deliver high availability load sharing at the core building, or intermediate
distribution frame. The CCS-720XP’s Dynamic Load Balancing (DLB) feature improves
on typical load sharing by dynamically tracking flow volumes and rebalancing them
across shared links to optimize network utilization.  DLB interoperates with other
networking platforms, helping administrators improve the performance of their
installed campus infrastructure.
latency of key applications, user and device flows. CloudVision Device Analyzer (pictured above) baselines real time traffic to help alert
administrators of performance or security outliers. 
The 720XP uses standard RJ45, SFP+, SFP28 and QSFP28 interfaces for in closet and
uplink interconnections, giving administrators the freedom to choose the right
media type and speed that suits campus use cases and their budget. In addition to
the variety of SFP+ and QSFP+ copper and fiber modules that support speeds from
1Gb-100Gb are the 10G/25G multi-rate SFP+ optical modules. These optics allow
administrators to invest in 25Gb but still run in 10Gb mode while connected to
legacy infrastructure, thus simplifying campus migrations and reduce CapEx.
Cognitive Segmentation
The CCS-720XP series supports industry standard 802.1X and RADIUS authentication schemes, and interoperates with leading
authentication solutions. Authorized users and devices can be automatically segmented into assigned 802.1Q or EVPN VXLAN
segmented networks, facilitating infrastructure and data security. Wire-speed layer 3 VRF segmentation is also supported, giving
administrators additional flexibility for supporting the most sophisticated campus use cases. The CCS-720XP switches also help
administrators with WiFi segmentation by providing hardware based VXLAN de-encapsulation of tunneled WiFi traffic.
CloudVision
CloudVision is Arista's management plane solution for simplifying network operations. Built on a modern state-streaming architecture,
CloudVision is a multi-function software platform that enables a suite of capabilities for automated provisioning, change control,
continuous compliance, real-time telemetry, predictive analytics and 3rd party management plane orchestration. As a multi-domain
solution, CloudVision is a single management platform across data center, campus, WiFi, multi-cloud, and routing interconnect use-cases.
The same CloudVision software is offered as an on-prem appliance (virtual or physical) as well as CloudVision as-a-Service, which is a
Arista-managed SaaS solution. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com