Electronic Components Datasheet Search
  English  ▼

X  

720XP-24Y6 Datasheet(PDF) 3 Page - Arista Networks, Inc

Part # 720XP-24Y6
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-24Y6 Datasheet(HTML) 3 Page - Arista Networks, Inc

  720XP-24Y6 Datasheet HTML 1Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 2Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 3Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 4Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 5Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 6Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 7Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 8Page - Arista Networks, Inc 720XP-24Y6 Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Cognitive PoE for Mission Critical Services
Power efficiency, flexible options, power prioritization and constant PoE allow the CCS-720XP series switches to support critical campus
services like video security and emergency communications. 802.3af, at and bt power options deliver from 15-60W to RJ45 ports. The
CCS-720XP platinum rated power supplies, coupled with its low nominal consumption leaves an ample power budget for connected
appliances and IoT devices. A choice of 650W, 1050W or 2000W single or redundant AC power supply and 500W or 700W DC power
supply options allow administrators to customize power allocation and redundancy to meet their use cases and budget. 
Dynamic Power Management
Arista leverages state of the art switching and power management technology that not only delivers enhanced power delivery options
supporting the latest standards, but does so more efficiently and reliably than standard PoE delivery, so administrators can support more
devices cost effectively. Dynamic PoE management enhances power budgeting and allocation features to help economize power
allocation to powered devices (PD) connected to each switch dynamically allocating PoE power based on priority settings. Load sharing
Power Supplies allow customers to share a common PoE bank between the power supplies within a switch, optimizing unused power
bank typically allocated for the board to power more PoE devices. Persistent PoE provides power to the powered device (PD) connected
to a PoE port even when the Power Sourcing Equipment (PSE) is rebooting. With cognitive campus monitoring, power configuration and
utilization are tracked in real time and archived, so administrators can accurately monitor and report service levels and infrastructure
power demands.
720XP Campus PoE | Model Overview
+ Net of max system
PWR-621-AC-RED (front to rear airflow)
PWR-1021-AC-RED (front to rear airflow)
PWR-621-AC-BLUE (rear to front airflow)
PWR-2021-AC-RED (front to rear airflow)
PWR-521-DC-RED (front to rear airflow)
PWR-721-DC-RED (front to rear airflow)
FAN-7000-F (front to rear airflow)
FAN-7000-R (rear to front airflow)
FAN-752M-RED (front to rear airflow)
Arista Optics and Cables
The Arista 720XP series supports a wide range of 1G, 10G, 25G and 100G pluggable optics and cables. For details about the different
optical modules and the minimum EOS Software release required for each of the supported optical modules, visit  https://
www.arista.com/en/products/transceivers-cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com