Electronic Components Datasheet Search
  English  ▼

X  

AL4V183 Datasheet(PDF) 2 Page - AverLogic Technologies Inc

Part # AL4V183
Description  16K, 64K-Bit Line FIFO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVERLOGIC [AverLogic Technologies Inc]
Direct Link  http://www.averlogic.com
Logo AVERLOGIC - AverLogic Technologies Inc

AL4V183 Datasheet(HTML) 2 Page - AverLogic Technologies Inc

  AL4V183 Datasheet HTML 1Page - AverLogic Technologies Inc AL4V183 Datasheet HTML 2Page - AverLogic Technologies Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVERLOGIC TECHNOLOGIES, INC.
TEL
: 1 408 361-0400
e-mail: sales_usa@averlogic.com URL: www.averlogic.com
AVERLOGIC TECHNOLOGIES, CORP. TEL: 886 2-87523988 e-mail: sales@averlogic.com.tw URL: www.averlogic.com.tw
October 30, 2004
(1k , 4k) x18
Memory
Array
Input
Buffer
Output
Buffer
Write
Control
Logic
Read
Control
Logic
Timing &
Control Logic
Write Pointer
Read Pointer
Offset
Regissers
Input data bus
Output data bus
/OE
WCLK
/WEN
RCLK
/REN
/BEB
/IW
/OW
Figure 1. AL4V18x FIFO Block Diagram
/RRSTB
/WRSTB
The
18bit
input
and
output
ports
operate
independently at a maximum speed of 100 MHz.
The
built-in
address
decoder
and
pointer
managing circuits provide a straightforward bus
interface to serially read/write memory that
reduces inter-chip design efforts. The AL4V18x
embedded memory array and high performance
process technologies with extended controller
functions (read skip, fixed and programmable
status
flags...
etc.)
offer
flexible
memory
management.
These FIFOs support up to 18-bit input and output
data bus-width that is controlled by separate clock
and enable signals respectively. The input data is
acquired at each rising edge of a free running
write clock while a write enable control pin is
asserted. The output data is available after each
rising edge of a free running read clock while a
read enable and output enable control pins are
asserted. When output enable (/OE) is LOW, the
data output bus is active. If /OE is HIGH, the
output data bus will be in a high-impedance. This
signal can control whether the data is going to be
skipped during the read operation.
Bus-Matching feature can flexibly configure input
and output bus width. The chip can automatically
convert the input data bus width to match up
output data bus width by packing or unpacking
the data. A Big-Endian/Little-Endian data word
format is provided to invert the read-in bytes
sequence for output. And the Retransmit function
allows data to be reread from the FIFO more than
once.
These chips are available as a 64pin STQFP
Package.
DISTRIBUTED BY:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com