Electronic Components Datasheet Search
  English  ▼

X  

TS8P02G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS8P02G
Description  Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS8P02G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS8P02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS8P02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
Version: A06
TS8P01G - TS8P07G
Single Phase 8.0 Amps.
Glass Passivated Bridge Rectifiers
TS-6P
1.193(30.3)
1.169(29.7)
C .118(3.0)
0
X45
.402(10.2)
.386(9.8)
.106(2.7)
.091(2.3)
.094(2.4)
.079(2.0)
.043(1.1)
.035(0.9)
.709(18.0)
.669(17.0)
.165(4.2)
.150(3.8)
.303
(7.7)
.303
(7.7)
.287
(7.3)
.287
(7.3)
.031(0.7)
.024(0.6)
.114(2.9)
.098(2.5)
.134(3.4)
.122(3.1)
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
.441(11.2)
.425(10.8)
.189(4.8)
.799(20.3)
.776(19.7)
Features
UL Recognized File # E-96005
Glass passivated junction
Ideal for printed circuit board
Reliable low cost construction
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Surge overload rating to 170 amperes peak
High case dielectric strength of 2000VRMS
Isolated voltage from case to lead over
2500 volts
Mechanical Data
Case: Molded plastic
Terminals: Leads solderable per MIL-
STD-750 Method 2026
Weight: 0.3 ounce,8 grams
Mounting torque: 8.17 in. lbs. max.
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol TS8P
01G
TS8P
02G
TS8P
03G
TS8P
04G
TS8P
05G
TS8P
06G
TS8P
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
See Fig. 2
I(AV)
8.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
200
A
Maximum Instantaneous Forward Voltage
@ 4.0A
@ 8.0A
VF
1.0
1.1
V
Maximum DC Reverse Current @ TA=25
oC
at Rated DC Blocking Voltage @ TA=125
oC
IR
5.0
500
uA
uA
Typical Thermal Resistance (Note)
RθJC
1.6
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to + 150
oC
Note: Thermal Resistance from Junction to Case with Device Mounted on 75mm x 75mm x 1.6mm
Cu Plate Heatsink.


Similar Part No. - TS8P02G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS8P02G TSC-TS8P02G Datasheet
49Kb / 2P
Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
TS8P02G TSC-TS8P02G Datasheet
138Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
TS8P02G TSC-TS8P02G Datasheet
216Kb / 4P
Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS8P02G TMT-TS8P02G Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - TS8P02G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800G JGD-KBPC800G Datasheet
128Kb / 2P
SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
KBU800G JGD-KBU800G Datasheet
138Kb / 2P
SINGLE PHASE 8.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU801 TSC-GBU801 Datasheet
49Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
SB801G TSC-SB801G Datasheet
69Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
TS8P01G TSC-TS8P01G Datasheet
49Kb / 2P
Single Phase 8.0 Amps. Glass Passivated Bridge Rectifiers
KBU801G TSC-KBU801G Datasheet
54Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
GBU801 TSC-GBU801_10 Datasheet
526Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
TS8P01G TSC-TS8P01G_11 Datasheet
138Kb / 2P
Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
GBJ8005 DGNJDZ-GBJ8005 Datasheet
165Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 DGNJDZ-KBJ8005 Datasheet
158Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com