Electronic Components Datasheet Search
  English  ▼

X  

TS339 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS339
Description  Quad Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS339 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS339 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS339 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS339 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS339 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS339 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS339 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS339
3-6
2003/12 rev. A
Electrical Characteristics (Continues)
Note 1. The maximum output current may be as high as 20mA, independent of the magnitude of VCC Output short
circuits to VCC can cause excessive heating and eventual destruction.
Note 2. This magnitude of input current will only occur if the leads are driven more negative than ground or the
negative supply voltage. This is due to the input PNP collector base junction become forward biased, acting as
an input clamp diode. There is also a lateral PNP parasitic transistor action which can cause the output voltage of
the comparators to go to the VCC voltage level (or ground if overdrive is large) during the time that an input is
driven negative. This will not destroy the device when limited to the max rating and normal output states will
recover when the inputs become
≥ground or negative supply.
Note 3. At the output switch point, VO=1.4Vdc, RS ≤100Ω, 5.0Vdc≤ VCC ≤30Vdc, with the inputs over the full
common-mode range (0Vdc to VCC -1.5Vdc).
Note 4. The bias current flows out of the inputs due to the PNP input stage. This current is virtually constant,
independent of the output state.
Note 5. The response time specified is for a 100mV input step with 5mV overdrive For larger signals, 300ns is typical.
Note 6. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain
within the common-mode range, the comparator will provide the proper output state.
Note 7. The comparator will inhibit proper output state if one of the inputs is become greater than VCC, the other input
must remain within the common mode range. The low input state must not be less than -0.3volts of ground of
minus supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com