Electronic Components Datasheet Search
  English  ▼

X  

TS378R00 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS378R00
Description  3A Ultra Low Dropout Voltage Regulator w/Disable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS378R00 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS378R00 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS378R00 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS378R00 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS378R00 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS378R00
2-4
2005/5 rev. B
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Remark
Input Voltage
Vin
30
V
--
Disable Voltage
Vdis
30
V
--
Output Current
Io
3.0
A
--
Power Dissipation 1
Pd1
1.5
W
No heat sink
Power Dissipation 2
Pd2
15
W
With heat sink
Junction Temperature
Tj
-40~+125
°C
--
Thermal Resistance, Junction-to Case(Note2)
Rθjc
4.31
°C / W
--
Thermal Resistance, Junction-to Air(Note2)
Rθja
48.83
°C / W
--
Thermal Shutdown Temperature
Ttsd
150
°C
--
Electrical Characteristics
TS278R00 Series (Vin=Note 6, Io=1.0A, Ta=25°C , unless otherwise specified).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TS378R33
3.22
3.3
3.38
TS378R05
4.88
5.0
5.12
TS378R08
7.80
8.0
8.20
TS378R09
8.78
9.0
9.22
Output Voltage
TS378R12
Vo
11.7
12
12.3
V
Load Regulation
REGload
5mA<Io<3A
--
0.1
2.0
%
Line Regulation
REGline
Note 7
--
0.5
2.5
%
Ripple Rejection Ratio
RR
Note1
45
55
--
dB
Dropout Voltage
Vdrop
Io=3A
--
--
0.5
V
Disable Voltage High
VdisH
Output Active
2.0
--
--
V
Disable Voltage Low
VdisL
Output Disabled
--
--
0.8
V
Disable Bias Current High
IdisH
Vdis=2.7V
--
--
20
uA
Disable Bias Current Low
IdisL
Vdis=0.4V
--
--
-0.4
mA
Quiescent Current
Iq
Io=0A
--
--
10
mA
Note: 1.These parameters, although guaranteed, are not 100% tested in production.
2. Junction -to -case thermal resistance test environments.
3. Pneumatic heat sink fixture.
4. Clamping pressure 60psi through 12mm diameter cylinder.
5. Thermal grease applied between PKG and heat sink fixture
6. TS378R33: Vin=5V, TS378R05: Vin=7V, TS378R08: Vin=10V, TS378R09: Vin=11V, TS378R12: Vin=15V
7. TS378R33: Vin=4~10V, TS378R05: Vin=6~12V, TS378R08: Vin=9~25V, TS378R09: Vin=10~25V,
TS378R12: Vin=13~29V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com