Electronic Components Datasheet Search
  English  ▼

X  

TS393 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS393
Description  Dual Voltage Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS393 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS393 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS393 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS393
1-6
2003/12 rev. A
TS393
Dual Voltage Comparator
Supply Voltage Range -18 V to 18V
Dual Channel Comparator
General Description
The TS393 is dual independent precision voltage comparators capable of single-supply or split-supply operation. The
specifications as low as 2.0 mV make this device an excellent ground level with single-supply operation. Input
offset-voltage selection for many applications in consumer automotive, and It is designed to permit a common mode
range-to- industrial electronics.
The TS393 is offered in 8 pin SOP-8 and DIP-8 package.
Block Diagram
Features
Output voltage compatible with DTL, ECL, TTL,
MOS and CMOS Logic Levels
Low input bias current -25nA
Low input offset current -5.0nA
Low input offset voltage --5.0mV(max)
Input common mode range to ground level
Differential lnput voltage range equal to power
supply voltage
Very low current drain independent of supply
voltage - 0.4mA
Wide single-supply range - 2.0Vdc to 36Vdc
Split-supply range
±1.0Vdc to ±18Vdc
Ordering Information
Part No.
Operating Temp.
Package
TS393CD
DIP-8
TS393CS
0 ~ +70
oC
SOP-8
Schematic (each comparator)
Pin assignment:
1. Output
2. Input A (-)
3. Input A (+)
4. Gnd
5. Input B (+)
6. Input B (-)
7. Output B
8. Vcc


Similar Part No. - TS393

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS393 STMICROELECTRONICS-TS393 Datasheet
179Kb / 7P
MICROPOWER DUAL CMOS VOLTAGE COMPARATORS
Jan-2003
TS393 STMICROELECTRONICS-TS393 Datasheet
155Kb / 12P
Micropower dual CMOS voltage comparators
28-Apr-2008
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
TS393 TSC-TS393 Datasheet
396Kb / 8P
Low Power Low Offset Voltage Dual Comparators
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
3A Ultra Low Dropout Positive Voltage Regulator
More results

Similar Description - TS393

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM219 PHILIPS-LM219 Datasheet
111Kb / 5P
Dual voltage comparator
August 31, 1994
logo
Toshiba Semiconductor
TA7522F TOSHIBA-TA7522F Datasheet
143Kb / 4P
DUAL VOLTAGE COMPARATOR
TA7522S TOSHIBA-TA7522S Datasheet
201Kb / 6P
DUAL VOLTAGE COMPARATOR
TA75W393FU TOSHIBA-TA75W393FU Datasheet
188Kb / 5P
DUAL VOLTAGE COMPARATOR
logo
Daewoo Semiconductor
DBL393 DAEWOO-DBL393 Datasheet
267Kb / 6P
DUAL VOLTAGE COMPARATOR
logo
AUK corp
S393 AUK-S393 Datasheet
255Kb / 4P
Dual Voltage Comparator
S393P AUK-S393P Datasheet
262Kb / 3P
Dual Voltage Comparator
S393 AUK-S393_1 Datasheet
255Kb / 4P
Dual Voltage Comparator
S393P AUK-S393P_1 Datasheet
258Kb / 4P
Dual Voltage Comparator
logo
Austin Semiconductor
AS2111 AUSTIN-AS2111 Datasheet
527Kb / 7P
Dual Voltage Comparator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com